Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 45Page - Texas Instruments TMS320VC549 Datasheet HTML 46Page - Texas Instruments TMS320VC549 Datasheet HTML 47Page - Texas Instruments TMS320VC549 Datasheet HTML 48Page - Texas Instruments TMS320VC549 Datasheet HTML 49Page - Texas Instruments TMS320VC549 Datasheet HTML 50Page - Texas Instruments TMS320VC549 Datasheet HTML 51Page - Texas Instruments TMS320VC549 Datasheet HTML 52Page - Texas Instruments TMS320VC549 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Table 13. ’54x Instruction Set Opcodes (Continued)
MNEMONIC SYNTAX
OPCODE
WORDS/
CYCLES†
DESCRIPTION
MNEMONIC SYNTAX
LSB
MSB
WORDS/
CYCLES†
DESCRIPTION
CONTROL INSTRUCTIONS
B[D]
pmad
Branch unconditionally with optional delay
2 / 4,2‡
1111
00Z0
0111
0011
BACC[D]
src
Branch to address in ACC, optional delay
1 / 6,4‡
1111
01ZS
1110
0010
BANZ[D]
pmad, Sind
Branch on AR(ARP) not zero, optional delay
2/4§,2¶,2‡
0110
11Z0
IAAA
AAAA
BC[D]
pmad, cond [, cond [, cond ] ]
Branch conditionally, optional delay
2/5§,3¶,3‡
1111
10Z0
CCCC
CCCC
CALA[D]
src
Call subroutine at address in ACC, optional delay
1/6,4‡
1111
01ZS
1110
0011
CALL[D]
pmad
Call unconditionally, optional delay
2 / 4,2¶
1111
00Z0
0111
0100
CC[D]
pmad, cond [, cond [, cond ]]
Call conditionally, optional delay
2/5§,3¶,3‡
1111
10Z1
CCCC
CCCC
FB[D]
extpmad
Far branch unconditionally (optional delay)
2 / 4,2‡
1111
10Z0
1KKK
KKKK
FBACC[D]
src
Far branch to address in ACC, optional delay
1 / 6,4‡
1111
01ZS
1110
0110
FCALA[D]
src
Far call to address in ACC, optional delay
1 / 6,4‡
1111
01ZS
1110
0111
FCALL[D]
extpmad
Far call unconditionally, optional delay
2 / 4,2‡
1111
10Z1
1KKK
KKKK
FRAME
K
Stack pointer immediate offset
1/1
1110
1110
KKKK
KKKK
FRET[D]
Far return (FRETD is for delayed return)
1 / 6,4‡
1111
01Z0
1110
0100
FRETE[D]
Far return, enable interrupts, optional delay
1 / 6,4‡
1111
01Z0
1110
0101
IDLE
K
Idle until interrupt
1/4
1111
01NN
1110
0001
INTR
K
Software interrupt
1/3
1111
0111
110K
KKKK
MAR
Smem
Modify auxiliary register
1/1
0110
1101
IAAA
AAAA
NOP
No operation
1/1
1111
0100
1001
0101
POPD
Smem
Pop top of stack to data memory
1/1
1000
1011
IAAA
AAAA
POPM
MMR
Pop top of stack to memory-mapped register
1/1
1000
1010
IAAA
AAAA
PSHD
Smem
Push data-memory value onto stack
1/1
0100
1011
IAAA
AAAA
PSHM
MMR
Push memory-mapped register onto stack
1/1
0100
1010
IAAA
AAAA
RC[D]
cond [, cond [, cond ]]
Return conditionally, optional delay
1/5§,3¶,3‡
1111
11Z0
CCCC
CCCC
RESET
Software reset
1/3
1111
0111
1110
0000
RET[D]
Return, optional delay
1 / 5,3‡
1111
11Z0
0000
0000
RETE[D]
Return and enable interrupts, optional delay
1 / 5,3‡
1111
01Z0
1110
1011
RETF[D]
Return fast and enable interrupts, optional delay
1 / 3,1‡
1111
01Z0
1001
1011
RPT
Smem
Repeat next instruction, count is in operand
1/1
0100
0111
IAAA
AAAA
RPT #
K
Repeat next instruction, count is short immediate
1/1
1110
1100
KKKK
KKKK
RPT #
lk
Repeat next instruction, count is long immediate
2/2
1111
0000
0111
0000
RPTB[D]
pmad
Block repeat, optional delay
2 / 4,2‡
1111
00Z0
0111
0010
RPTZ
dst, #lk
Repeat next instruction and clear accumulator
2/2
1111
000D
0111
0001
RSBX
N, SBIT
Reset status-register bit
1/1
1111
01N0
1011
SBIT
SSBX
N, SBIT
Set status-register bit
1/1
1111
01N1
1011
SBIT
TRAP
K
Software interrupt
1/3
1111
0100
110K
KKKK
XC
n, cond [, cond [, cond ]]
Execute conditionally
1/1
1111
11N1
CCCC
CCCC
† Values for words and cycles assume the use of DARAM for data. Add one word and one cycle when using long-offset indirect addressing or
absolute addressing with a single data-memory operand.
‡ Delayed Instruction
§ Condition true
¶ Condition false
instruction set summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com