Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 30Page - Texas Instruments TMS320VC549 Datasheet HTML 31Page - Texas Instruments TMS320VC549 Datasheet HTML 32Page - Texas Instruments TMS320VC549 Datasheet HTML 33Page - Texas Instruments TMS320VC549 Datasheet HTML 34Page - Texas Instruments TMS320VC549 Datasheet HTML 35Page - Texas Instruments TMS320VC549 Datasheet HTML 36Page - Texas Instruments TMS320VC549 Datasheet HTML 37Page - Texas Instruments TMS320VC549 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
34
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
software-programmable PLL (’545A, ’546A, ’548, and ’549) (continued)
Immediately following reset, the clock mode is determined by the values of the three external pins: CLKMD1,
CLKMD2, and CLKMD3. The modes corresponding to the CLKMD pins are shown in Table 6.
Table 6. Clock Mode Settings at Reset
CLKMD1
CLKMD2
CLKMD3
CLKMD REGISTER
RESET VALUE
CLOCK MODE
0
0
0
0000h
Divide-by-two, with external source
0
0
1
1000h
Divide-by-two, with external source
0
1
0
2000h
Divide-by-two, with external source
1
0
0
4000h
Divide-by-two, internal oscillator enabled
1
1
0
6000h
Divide-by-two, with external source
1
1
1
7000h
Divide-by-two, internal oscillator enabled†
1
0
1
0007h
PLL
× 1 with external source
0
1
1
—
Stop mode
† Reserved mode (’549 only). Do not use in normal operation.
Following reset, the software-programmable PLL can be programmed to any configuration desired, as
described above. Note that when the PLL
× 1 with external source option (CLKMD[1–3]=101) is selected during
reset, the internal PLL lock-count timer is not active; therefore, the system must delay releasing reset in order
to allow for the PLL lock-time delay. Also, note that both the hardware- and the software-programmable PLLs
require the device to be reset after power up to begin functioning properly.
programming considerations when using the software-programmable PLL
The software-programmable PLL offers many different options in startup configurations, operating modes, and
power-saving features. Programming considerations and several software examples are presented here to
illustrate the proper use of the software-programmable PLL at start-up, when switching between different
clocking modes, and before and after IDLE1/IDLE2/IDLE3 instruction execution.
use of the PLLCOUNT programmable lock timer
During the lockup period, the PLL should not be used to clock the ’54x. The PLLCOUNT programmable lock
timer provides a convenient method of automatically delaying clocking of the device by the PLL until lock is
achieved.
The PLL lock timer is a counter, loaded from the PLLCOUNT field in the CLKMD register, that decrements from
its preset value to 0. The timer can be preset to any value from 0 to 255, and its input clock is CLKIN divided
by 16. The resulting lockup delay can therefore be set from 0 to 255
16 CLKIN cycles.
The lock timer is activated when the clock generator operating mode is switched from DIV to PLL (see the
section describing switching from DIV mode to PLL mode). During the lockup period, the clock generator
continues to operate in DIV mode; after the PLL lock timer has decremented to zero, the PLL begins clocking
the ’54x.
Accordingly, the value loaded into PLLCOUNT is chosen based on the following relationship:
PLLCOUNT > Lockup Time / (16
tCLKIN)
where tCLKIN is the input reference clock period and lockup time is the required PLL lockup time as shown in
Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com