Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2035T-I/ST Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP2035T-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035T-I/ST Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP2035T-I/ST Datasheet HTML 35Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 36Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 37Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 38Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 39Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 40Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 41Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 42Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 39
MCP2035
5.16
Enable or Disable of Input
Channel
The Input channel can be enabled or disabled by
programming
the
LCXEN
bit
in
Configuration
Register 0 (Register 5-1). When the input channel is
enabled, it detects the input signal and provides output.
When the channel is disabled, the device shuts down
the input channel and provides no output, while saving
current draws. The exact circuits disabled when an
input is disabled are amplifiers, detector, full-wave
rectifier, data slicer, and modulation FET. However, the
RF input limiter remains active to protect the silicon
from excessive antenna input voltages.
5.17
AGC Amplifier
The circuit automatically amplifies input signal voltage
levels to an acceptable level for the data slicer. Fast
attacking and slow releasing by nature, the AGC tracks
the carrier signal level and not the modulated data bits.
The AGC requires an AGC initialization time (TAGC).
The AGC will attempt to regulate the input channel’s
peak signal voltage into the data slicer to a desired
regulated AGC voltage – reducing the input path’s gain
as the signal level attempts to increase above
regulated AGC voltage, and allowing full amplification
on signal levels below the regulated AGC voltage.
The AGC has two modes of operation:
• During the AGC initialization time (TAGC), the
AGC time constant is fast, allowing a reasonably
short acquisition time of the continuous input
signal.
• After TAGC, the AGC switches to a slower time
constant for data slicing.
Also, the AGC is frozen when the input signal envelope
is low. The AGC tracks only high envelope levels.
5.18
AGC Preserve
The AGC preserve feature is used to preserve the AGC
value during the AGC initialization time (TAGC) and
apply the value to the data slicing circuit for the follow-
ing data streams instead of using a new tracking value.
This feature is useful to demodulate the input signal
correctly when the input has random amplitude varia-
tions at a given time period. This feature is enabled
when the device receives an AGC Preserve On com-
mand and disabled if it receives an AGC Preserve Off
command. Once the AGC Preserve On command is
received, the device acquires a new AGC value during
each AGC initialization time and preserves the value
until a Soft Reset or an AGC Preserve Off command is
issued. Therefore, it does not need to issue another
AGC Preserve On command. An AGC Preserve Off
command is needed to disable the AGC preserve
feature (see Section 5.30.2.5 “AGC Preserve On
Command”
and Section 5.30.2.6 “AGC Preserve Off
Command”
for AGC Preserve commands).
5.19
Soft Reset
The Soft Reset is issued in the following events:
a) After Power-on Reset (POR)
b) After Inactivity Timer time-out
c)
If an “Abort” occurs
d) After receiving SPI Soft Reset command
The “Abort” occurs if there is no positive signal
detected at the end of the AGC initialization period
(TAGC). The Soft Reset initializes internal circuits and
brings the device into a low current Standby mode
operation. The internal circuits that are initialized by the
Soft Reset include:
• Output Enable Filter
•AGC circuits
• Demodulator
• 32 kHz Internal Oscillator
The Soft Reset has no effect on the Configuration register
setup, except for some of the AFE STATUS Register 7
bits. (Register 5-8).
The circuit initialization takes one internal clock cycle
(1/32 kHz = 31.25 µs). During the initialization, the
modulation transistors between each input and
LCCOM pins are turned-on to discharge any internal/
external parasitic charges. The modulation transistors
are turned-off immediately after the initialization time.
The Soft Reset is executed in Active mode only. It is not
valid in Standby mode.
5.20
Minimum Modulation Depth
Requirement for Input Signal
The device demodulates the modulated input signal if
the modulation depth of the input signal is greater than
the minimum requirement that is programmed in
Configuration Register 5 (Register 5-6). Figure 5-5
shows the definition of the modulation depth and
examples.
MODMIN<6:5>
of
the
Configuration
Register 5 offer four options. They are 60%, 33%, 14%
and 6%. The default setting is 33%.
The purpose of this feature is to enhance the
demodulation integrity of the input signal. The 6%
setting is the best choice for the input signal with weak
modulation depth, which is typically observed near the
high-voltage Base Station antenna and also at far-
distance from the Base Station antenna. It gives the
best demodulation sensitivity, but is very susceptible to
noise spikes that can result in a bit detection error. The
60% setting can reduce the bit errors caused by noise,
but gives the least demodulation sensitivity. See
Table 5-3 for minimum modulation depth requirement
settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com