Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2035T-I/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2035T-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035T-I/ST Datasheet(HTML) 4 Page - Microchip Technology

  MCP2035T-I/ST Datasheet HTML 1Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 2Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 3Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 4Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 5Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 6Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 7Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 8Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
MCP2035
DS22304A-page 4
 2012 Microchip Technology Inc.
Digital Input Leakage Current
SDI, SCLK, CS (Note 3)
IIL
——
1µA
VDD = 3.6V
VSS  VPIN  VDD
VPIN  VDD
Digital Output Low Voltage
ALERT, LFDATA/SDIO
VOL
——
VSS +0.4
V
Analog Front-End section
IOL = 1.0 mA, VDD = 2.0V
Digital Output High Voltage
ALERT, LFDATA/SDIO
VOH
VDD - 0.5
—
—
V
IOH = -400 A, VDD = 2.0V
Digital Input Pull-Up Resistor
CS, SCLK
RPU
50
200
350
k
VDD =3.6V
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Standard Operating Conditions (unless otherwise stated),
Operating temperature: -40
C  TA  +85C, LCX Input Signal: Sinusoidal 300 mVPP, Carrier Frequency = 125 kHz,
LCCOM connected to VSS, Bits <3:1> of Configuration Register 0: LCXEN = 0, LCZEN = LCYEN = 1.
Parameters
Sym.
Min.
Typ.(2)
Max.
Units
Conditions
Note 1:
These parameters are characterized but not tested.
2:
Data in “Typ.” column is at 3.0V, +25
C unless otherwise stated. These parameters are for design
guidance only and are not tested.
3:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com