Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2035T-I/ST Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP2035T-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035T-I/ST Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP2035T-I/ST Datasheet HTML 53Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 54Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 55Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 56Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 57Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 58Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 59Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 60Page - Microchip Technology MCP2035T-I/ST Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 57
MCP2035
TABLE 5-7:
STATUS REGISTER BIT CONDITION
(AFTER POWER-ON RESET AND VARIOUS SPI COMMANDS)
Condition
Bit 8
(Note 2)
Bit 7
(Note 2)
Bit 6
Bit 5
Bit 4
(Note 2)
Bit 3
(Note 2)
Bit 2
Bit 1
Bit 0
CHZACT CHYACT
Input
(CHX)
ACT
AGCACT WAKEZ WAKEY WAKEX ALARM
PEI
POR
0
00
0
0
00
0
1
Read Command
(STATUS Register only)
u
uu
u
u
uu
0
u
Sleep Command
u
uu
u
u
uu
u
u
Soft Reset Executed
(Note 1)
0
00
0
0
00
u
u
Legend: u
= unchanged
Note 1:
See Section 5.19 “Soft Reset” and Section 5.30.2.4 “Soft Reset Command” for the condition of Soft
Reset execution.
2:
These bits have no meaning and are ignored in the MCP2035.
TABLE 5-8:
EXAMPLE OF SELECTING CONFIGURATION REGISTER BIT VALUES AND PARITY
BITS
Register
Name
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit 0
(Calculate
d Row
Parity Bit)
Condition
Config. Reg. 0
1
0
1
0
1
1
1
0
0
OEH = OEL = 2 ms, ALRTIND = 1,
Input Channel (LCX) = Enabled
Config Reg. 1
0
0
0
0
0
0
0
1
0
Output Data Type = Demodulated Output,
Input Tuning Capacitor Value = 1 pF
Config Reg. 2
0
0
0
0
0
0
0
0
1
RSSI Pull-Down MOSFET = Off,
CLKDIV = 0
Config Reg. 3
0
0
0
0
0
0
0
0
1
Recommended
Config Reg. 4
0
0
0
0
0
0
0
0
1
Input Channel Sensitivity Reduction = None
Config Reg. 5
01
0
0
0
0
0
0
0
AGCSIG = 1, Min Modulation Depth = 33%
Calculated
Column Parity
Register 6
0
0
01
00
0
0
0
Calculated Column Odd Parity Bits
Note 1:
The values in the colored area are strongly recommended for the best result.
2:
See the calculated row and column parity bits. These bits must be programmed by the user. See Note in
Section 5.30.3 “Read/Write Commands for Configuration Registers”
for the parity bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com