Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2050-E/SL Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP2050-E/SL
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050-E/SL Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP2050-E/SL Datasheet HTML 17Page - Microchip Technology MCP2050-E/SL Datasheet HTML 18Page - Microchip Technology MCP2050-E/SL Datasheet HTML 19Page - Microchip Technology MCP2050-E/SL Datasheet HTML 20Page - Microchip Technology MCP2050-E/SL Datasheet HTML 21Page - Microchip Technology MCP2050-E/SL Datasheet HTML 22Page - Microchip Technology MCP2050-E/SL Datasheet HTML 23Page - Microchip Technology MCP2050-E/SL Datasheet HTML 24Page - Microchip Technology MCP2050-E/SL Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
 2012-2014 Microchip Technology Inc.
DS20002299C-page 21
MCP2050
Bus Interface
High-Level Input Voltage
VIH(LBUS)0.6 VBB
—
—
V
Recessive state
Low-Level Input Voltage
VIL(LBUS)-8
—
0.4 VBB
V
Dominant state
Input Hysteresis
VHYS
—
—
0.175 VBB
VVIH(LBUS) – VIL(LBUS)
Low-Level Output Current
IOL(LBUS)
40
—
200
mA
Output voltage = 0.1 VBB,
VBB = 12V
Pull-Up Current on Input
IPU(LBUS)-180
—
-72
µA
~30 kΩ internal pull-up
@ VIH (LBUS) = 0.7 VBB,
VBB=12V
Short-Circuit Current Limit
ISC
50
—
200
mA
(Note 1)
High-Level Output Voltage
VOH(LBUS)0.8 VBB
—VBB
V
Driver Dominant Voltage
V_LOSUP
——
1.1
V
VBB = 7.3V,
RLOAD = 1000Ω
Driver Dominant Voltage
V_HISUP
——
1.2
V
VBB = 18V,
RLOAD = 1000Ω
Input Leakage Current
(at the receiver during
dominant bus level)
IBUS_PAS_
DOM
-1
—
—
mA
Driver off,
VBUS = 0V,
VBB = 12V
Input Leakage Current
(at the receiver during
recessive bus level)
IBUS_PAS_
REC
-20
—
20
µA
Driver off,
8V < VBB < 18V
8V < VBUs < 18V
VBUS
 VBB
Leakage Current
(disconnected from ground)
IBUS_NO_G
ND
-10
—
+10
µA
GNDDEVICE = VBB,
0V < VBUS < 18V,
VBB = 12V
Leakage Current
(disconnected from VBB)
IBUS_NO_P
WR
-10
—
+10
µA
VBB = GND,
0 < VBUS < 18V
Receiver Center Voltage
VBUS_CNT
0.475 VBB
0.5
VBB
0.525 VBB
VVBUS_CNT = (VIL (LBUS) +
VIH (LBUS))/2
Slave Termination
RSLAVE
20
30
47
kΩ
(Note 2)
Capacitance of slave node
CSLAVE
50
pF
(Note 2)
Wake-Up Voltage
Threshold on LIN Bus
VWK(LBUS)
—
—
3.4
V
Wake up from Power-
Down mode (Note 3)
2.3
DC Specifications (Continued)
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for:
VBB = 6.0V to 18.0V, TA = -40°C to +125°C
CREG = 10 µF
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0Ω, TX = 0, VLBUS = VBB).
2:
Characterized, not 100% tested.
3:
In Power-Down mode, normal LIN recessive/dominant threshold is disabled; VWK(LBUS) is used to detect
bus activities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com