Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2050-E/SL Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP2050-E/SL
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050-E/SL Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP2050-E/SL Datasheet HTML 23Page - Microchip Technology MCP2050-E/SL Datasheet HTML 24Page - Microchip Technology MCP2050-E/SL Datasheet HTML 25Page - Microchip Technology MCP2050-E/SL Datasheet HTML 26Page - Microchip Technology MCP2050-E/SL Datasheet HTML 27Page - Microchip Technology MCP2050-E/SL Datasheet HTML 28Page - Microchip Technology MCP2050-E/SL Datasheet HTML 29Page - Microchip Technology MCP2050-E/SL Datasheet HTML 30Page - Microchip Technology MCP2050-E/SL Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
 2012-2014 Microchip Technology Inc.
DS20002299C-page 27
MCP2050
FIGURE 2-8:
5.0 VREG vs. IREG at VBB =
12V.
FIGURE 2-9:
3.3V VREG vs. IREG at VBB =
12V.
0
1
2
3
4
5
6
0
50
100
150
200
250
300
IREG (mA)
-40°C
+25°C
+90°C
+125°C
0
0.5
1
1.5
2
2.5
3
3.5
0
50
100
150
200
250
300
IREG (mA)
-40°C
+25°C
+90°C
+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com