Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2050-E/SL Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP2050-E/SL
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050-E/SL Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP2050-E/SL Datasheet HTML 15Page - Microchip Technology MCP2050-E/SL Datasheet HTML 16Page - Microchip Technology MCP2050-E/SL Datasheet HTML 17Page - Microchip Technology MCP2050-E/SL Datasheet HTML 18Page - Microchip Technology MCP2050-E/SL Datasheet HTML 19Page - Microchip Technology MCP2050-E/SL Datasheet HTML 20Page - Microchip Technology MCP2050-E/SL Datasheet HTML 21Page - Microchip Technology MCP2050-E/SL Datasheet HTML 22Page - Microchip Technology MCP2050-E/SL Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
 2012-2014 Microchip Technology Inc.
DS20002299C-page 19
MCP2050
2.3
DC Specifications
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for:
VBB = 6.0V to 18.0V, TA = -40°C to +125°C
CREG = 10 µF
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Power
VBB Quiescent Operating
Current
IBBQ
—
—
200
µA
IOUT = 0 mA,
LBUS recessive
VREG = 5.0V
—
—
200
µA
IOUT = 0 mA,
LBUS recessive
VREG = 3.3V
VBB Quiescent Operating
Current with Watchdog
Enabled
IBBQWDT
—
—
250
µA
IOUT = 0 mA,
LBUS recessive
VREG = 5.0V
250
IOUT = 0 mA,
LBUS recessive
VREG = 3.3V
VBB READY Current
IBBRD
—
—
100
µA
IOUT = 0 mA,
LBUS recessive
VREG = 5.0V
—
—
100
µA
IOUT = 0 mA,
LBUS recessive
VREG = 3.3V
VBB Ready Current WWDT
Enabled
IBBRDWDT
—
—
150
µA
With voltage regulator on,
transmitter off, receiver
on, FAULT/TXE = VIL,
CS = VIH,VREG = 5.0V
150
With voltage regulator on,
transmitter off, receiver
on, FAULT/TXE = VIL,
CS = VIH,VREG = 3.3V
VBB Transmitter-Off
Current with Watchdog
Disabled
IBBTO
—
—
100
µA
With voltage regulator on,
transmitter off, receiver
on, FAULT/TXE = VIL,
CS = VIH,VREG = 5.0V
—
—
100
µA
With voltage regulator on,
transmitter off, receiver
on, FAULT/TXE = VIL,
CS = VIH,VREG = 3.3V
VBB Power-Down Current
IBBPD
—
4.5
8
µA
With voltage regulator
powered-off, receiver on
and transmitter off,
FAULT/TXE = VIH,
TXD = VIH, CS = VIL)
VBB Current with VSS
Floating
IBBNOGND
-1
—
1mA
VBB = 12V, GND to VBB,
VLIN = 0-18V
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0Ω, TX = 0, VLBUS = VBB).
2:
Characterized, not 100% tested.
3:
In Power-Down mode, normal LIN recessive/dominant threshold is disabled; VWK(LBUS) is used to detect
bus activities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com