Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2050T-E/P Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2050T-E/P
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050T-E/P Datasheet(HTML) 3 Page - Microchip Technology

  MCP2050T-E/P Datasheet HTML 1Page - Microchip Technology MCP2050T-E/P Datasheet HTML 2Page - Microchip Technology MCP2050T-E/P Datasheet HTML 3Page - Microchip Technology MCP2050T-E/P Datasheet HTML 4Page - Microchip Technology MCP2050T-E/P Datasheet HTML 5Page - Microchip Technology MCP2050T-E/P Datasheet HTML 6Page - Microchip Technology MCP2050T-E/P Datasheet HTML 7Page - Microchip Technology MCP2050T-E/P Datasheet HTML 8Page - Microchip Technology MCP2050T-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2012-2014 Microchip Technology Inc.
DS20002299C-page 3
MCP2050
1.0
FUNCTION DESCRIPTION
The MCP2050 provides a physical interface between a
microcontroller and a LIN half-duplex bus. It is intended
for automotive and industrial applications with serial
bus baud rates up to 20 kbaud. This device will
translate the CMOS/TTL logic levels to LIN logic levels,
and vice versa. The device offers optimum EMI and
ESD performance; it can withstand high voltage on the
LIN bus. The device supports two low-power modes to
meet
automotive
industry
power
consumption
requirements. The MCP2050 also provides a +5V or
3.3V 70 mA regulated power output.
1.1
Modes of Operation
The MCP2050 works in five modes: Power-On Reset
mode, Power-Down mode, Ready mode, Operation
mode, and Transmitter Off mode. For an overview of all
operational modes, please refer to Table 1-1. For the
operational mode transition, please refer to Figure 1-1.
FIGURE 1-1:
STATE DIAGRAM
POR
(2)
VREG OFF
RX OFF
TX OFF
READY
VREG ON
RX ON
TX OFF
TX OFF
VREG ON
RX ON
TX OFF
POWER-DOWN
VREG OFF
RX OFF
TX OFF
OPERATION
VREG ON
RX ON
TX ON
VBB >VON
CS/LWAKE =
1&
FAULT/TXE =
0
CS/LWAKE =
0
CS/LWAKE =
1&
FAULT/TXE =
1(3) &
TXD =
1&
VREG_OK =
1(1)
CS/LWAKE =
1&
FAULT/TXE =
1(3)&
TXD =
1
CS/LWAKE =
1&
FAULT/TXE =
0
CS/LWAKE =
0
CS/LWAKE =
1OR
Voltage Rising Edge on LBUS
Note 1:
VREG_OK: Regulator Output Voltage > 0.8VREG_NOM.
2:
If the voltage on pin VBB falls below VOFF, the device will enter Power-On Reset mode from all other
modes, which is not shown in the figure.
3:
FAULT/TXE = 1 represents input and no fault conditions. FAULT/TXE = 0 represents input low or a fault
condition. Refer to Table 1-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com