Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2050T-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2050T-E/P
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050T-E/P Datasheet(HTML) 1 Page - Microchip Technology

  MCP2050T-E/P Datasheet HTML 1Page - Microchip Technology MCP2050T-E/P Datasheet HTML 2Page - Microchip Technology MCP2050T-E/P Datasheet HTML 3Page - Microchip Technology MCP2050T-E/P Datasheet HTML 4Page - Microchip Technology MCP2050T-E/P Datasheet HTML 5Page - Microchip Technology MCP2050T-E/P Datasheet HTML 6Page - Microchip Technology MCP2050T-E/P Datasheet HTML 7Page - Microchip Technology MCP2050T-E/P Datasheet HTML 8Page - Microchip Technology MCP2050T-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2012-2014 Microchip Technology Inc.
DS20002299C-page 1
MCP2050
Features:
• The MCP2050 is compliant with:
- LIN Bus Specifications Version 1.3, 2.1 and
with SAE J2602-2
• Support Baud Rates Up to 20 kBaud
• 43V Load Dump Protected
• Maximum Continuous Input Voltage of 30V
• Wide LIN Compliant Supply Voltage, 6.0-18.0V
• Extended Temperature Range: -40 to +125°C
• Interface to PIC® EUSART and Standard USARTs
• Wake-Up on LIN Bus Activity or Local Wake Input
• LIN Bus Pin
- Internal pull-up termination resistor and diode
for slave node
- Protected against VBAT shorts
- Protected against loss of ground
- High current drive
•TXD and LIN Bus Dominant Time-Out Function
• Two Low-Power Modes
- Transmitter Off mode: 90 µA (typical)
- Power Down mode: 4.5 µA (typical)
• Output Indicating Internal Reset State (POR or
Sleep Wake)
• MCP2050 On-Chip Voltage Regulator
- Output voltage of 5.0V or 3.3V with 70 mA
capability and tolerances of ±3% over
operating temperature range
- Internal short-circuit current limit
- Only external filter and load capacitors needed
• Programmable Windowed Watchdog Timer
(WWDT)
- External resistor programmable from 7 ms to
140 ms
- Disabled by connecting the WWDTSELECT
pin to VREG or let the pin float
• Ratiometric Output of VBAT Voltage Scaled to
VREG
• Automatic Thermal Shutdown
• High Electromagnetic Immunity (EMI), Low
Electromagnetic Emission (EME)
• Robust ESD Performance: ±15 kV for LBUS and
VBB pin (IEC61000-4-2)
• Transient Protection for LBUS and VBB Pins in
Automotive Environment (ISO7637)
• Meets Stringent Automotive Design Requirements
Including “OEM Hardware Requirements for LIN,
CAN and FlexRay Interfaces in Automotive
Applications”, Version 1.3, May 2012
• Multiple Package Options Including Small 5x5
QFN
Description:
The MCP2050 provides a bidirectional, half-duplex
communication physical interface to meet the LIN bus
specification Revision 2.1 and SAE J2602. The device
incorporates a voltage regulator with 5V or 3.3V 70 mA
regulated power supply output. The on-chip WWDT
allows users to adjust the size of the reset window by
using an external resistor. The ratiometric VBAT pin
scales down VBAT to the range of VREG so it can be
monitored by an A/D converter.
The device has been designed to meet the stringent
quiescent current requirements of the automotive
industry and will survive +43V load dump transients,
and double battery jumps.
MCP2050 family members:
- MCP2050-500, 14-pin, LIN driver with 5.0V
regulator
- MCP2050-330, 14-pin, LIN driver with 3.3V
regulator
- MCP2050-500, 20-pin QFN, LIN driver with
5.0V regulator
- MCP2050-330, 20-pin QFN, LIN driver with
3.3V regulator
LIN Transceiver with Voltage Regulator


Similar Part No. - MCP2050T-E/P

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
MCP200 YAGEO-MCP200 Datasheet
1Mb / 8P
MELF CARBON FILM RESISTORS
September 5, 2024 V.2
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003 Datasheet
406Kb / 32P
LIN J2602 Transceiver
2010
MCP2003 MICROCHIP-MCP2003 Datasheet
918Kb / 34P
LIN J2602 Transceiver
11/29/11
MCP2003-E/MD MICROCHIP-MCP2003-E/MD Datasheet
406Kb / 32P
LIN J2602 Transceiver
2010
MCP2003-E/MD MICROCHIP-MCP2003-E/MD Datasheet
581Kb / 34P
LIN J2602 Transceiver
03/25/14
More results

Similar Description - MCP2050T-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
LIN transceiver with voltage regulator
logo
Microchip Technology
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
LIN Transceiver with Voltage Regulator
2009
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
LIN Transceiver with Voltage Regulator
2005-2012
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
LIN Transceiver with Voltage Regulator
12/08/06
MCP2025 MICROCHIP-MCP2025_14 Datasheet
1Mb / 38P
LIN Transceiver with Voltage Regulator
03/25/14
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
LIN Transceiver with Voltage Regulator
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com