Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2050T-E/P Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP2050T-E/P
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050T-E/P Datasheet(HTML) 5 Page - Microchip Technology

  MCP2050T-E/P Datasheet HTML 1Page - Microchip Technology MCP2050T-E/P Datasheet HTML 2Page - Microchip Technology MCP2050T-E/P Datasheet HTML 3Page - Microchip Technology MCP2050T-E/P Datasheet HTML 4Page - Microchip Technology MCP2050T-E/P Datasheet HTML 5Page - Microchip Technology MCP2050T-E/P Datasheet HTML 6Page - Microchip Technology MCP2050T-E/P Datasheet HTML 7Page - Microchip Technology MCP2050T-E/P Datasheet HTML 8Page - Microchip Technology MCP2050T-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
 2012-2014 Microchip Technology Inc.
DS20002299C-page 5
MCP2050
.
1.2
Windowed Watchdog Reset
The Watchdog Timer monitors for activity on the
Windowed
Watchdog
Timer
Trigger
input
pin
WWDTTRIG. The WWDTTRIG pin is expected to be
strobed within a given time frame. When this time frame
has expired without an edge transition on the WWDTTRIG
pin, the WWDTRESET pin is driven active (low) to reset
the system. This feature is enabled by connecting a
resistor between the WWDTSELECT pin and VSS.
Monitoring is then done by requiring the host processor to
force a falling edge transition on the WWDTTRIG pin
within a predetermined time frame (TWD).
The start time of the trigger window is fixed at 50% of
the total watchdog period, after the last trigger. The
length of the window is determined by the value of the
resistor on pin WWDTSELECT. The Watchdog Timer is
disabled if WWDTSELECT is floating.
1.2.1
WWDT DURING INITIAL POWER-UP
The WWDTRESET is driven high after a power-on
reset. The Watchdog Timer begins counting at this
point, awaiting an edge on WWDTTRIG pin. Note that
there is no window enabled, yet. If no falling edge is
detected on the WWDTTRIG pin before the timer
expires, the WWDTRESET is pulse low and the timer
is restarted. When a trigger edge on the WWDTTRIG
pin is seen, the window is enabled and the timer is reset.
FIGURE 1-2:
WWDTRESET DURING INITIAL POWER-UP
Figure 1-2 shows the behavior of the WWDTRESET
pin after a system reset with no trig at all. If no trig is
given during the power-up window, WWDTRESET is
reset low for the time tWDRST.
The power-up window length tPOWERUP duration is
determined by the value of the resistor connected
between pin WWDTSELECT and pin VSS, while the
reset pulse duration is about 150 μs.
Duration for tPOWERUP and tWDRST are:
•tPOWERUP = 0.8 ms x (RWWDTSELECT+1) typical
•tWDRST = 150 μs typical
•RWWDTSELECT is in kΩ
Once a trig is asserted, the power-up sequence “stops”
and the normal behavior begins.
TABLE 1-1:
OVERVIEW OF OPERATIONAL MODES
State
Transmitter Receiver
Internal
Wake Module
Voltage
Regulator
Watch Dog
Timer
Operation
Comments
PoR
Off
Off
Off
Off
Off
Proceed to Ready mode after VBB>VON.—
Ready
Off
On
Off
On
On
If CS/LWAKE high, then proceed to Operation
or Transmitter Off mode.
Bus Off state
Operation
On
On
Off
On
On
If CS/LWAKE low level, then proceed to
Power-Down.
If FAULT/TXE low level, then Transmitter-Off
mode.
Normal
Operation
mode
Power-Down
Off
Off
On
Activity Detect
Off
Off
On LIN bus rising edge or CS/LWAKE high
level, proceed to READY mode.
Lowest-
Power mode
Transmitter Off
Off
On
Off
On
Off
If CS/LWAKE low level, then proceed to
Power down.
If FAULT/TXE high, then Operation mode.
Bus Off state,
Lower-Power
mode
tPOWERUP
tWDRST
tPOWERUP
Internal
reset
WWDTRESET
tPOWERUP
tWDRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com