Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003B-H/SN Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2003B-H/SN
Description  LIN Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003B-H/SN Datasheet(HTML) 4 Page - Microchip Technology

  MCP2003B-H/SN Datasheet HTML 1Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 2Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 3Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 4Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 5Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 6Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 7Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 8Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MCP2003B
DS20005463C-page 4
 2015-2016 Microchip Technology Inc.
1.3
Modes of Operation
For an overview of all operational modes, refer to
Table 1-1.
1.3.1
POWER-DOWN MODE
In Power-Down mode, everything is off except the
wake-up section. The internal 30 k
 pull-up resistor
switch is open, which enables the high ohmic pull-up
resistor (900 k
 typical). This is the lowest power
mode. The receiver is off, thus its output is open-drain.
On CS going to a high level or a falling edge on WAKE,
the device will enter Ready mode as soon as internal
voltage
stabilizes.
Refer
to
Section 2.4
“AC
Specifications” for further information. In addition, LIN
bus activity will change the device from Power-Down
mode to Ready mode; The MCP2003B wakes up on a
rising edge on LBUS preceded by a low level lasting at
least 70 µs typically. See Figure 1-2 about remote
wake-up. If CS is held high as the device transitions
from Power-Down to Ready mode, the device will
transition to either Operation or Transmitter Off mode,
depending on TXD input, as soon as internal voltages
stabilize.
1.3.2
READY MODE
Transitioning from POR into Ready mode is achieved
when VBB > VBBUV_RISE. Upon entering Ready mode,
VREN is enabled and the receiver detect circuit is
powered-up. The transmitter remains disabled and the
device is ready to receive data but not to transmit.
Upon VBB supply pin power-on, the device will remain
in Ready mode as long as CS is low. When CS
transitions high, the device will either enter Operation
mode if the TXD pin is held high, or the device will enter
Transmitter Off mode if the TXD pin is held low.
1.3.3
OPERATION MODE
In this mode, all internal modules are operational. Note
that the part cannot transmit if the pull-up resistance is
missing on RX pin. See Section 1.5.1.1 “RXD
Monitoring” for details.
The device will go into Power-Down mode on the falling
edge of CS and the TXD pin is held high. The device will
enter Transmitter Off mode in the event of a Fault con-
dition such as thermal overload, bus contention or TXD
timer expiration.
The VBB to LBUS ~30 kΩ pull-up resistor
(RSLAVE) is
connected only in Operation mode.
1.3.4
TRANSMITTER OFF MODE
Transmitter Off mode is reached whenever the
transmitter is disabled due to a Fault condition. Fault
conditions include thermal overload, bus contention,
RXD monitoring and TXD timer expiration.
The device will go into Power-Down mode on the falling
edge of CS, or return to Operation mode if all faults are
resolved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com