Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003B-H/SN Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2003B-H/SN
Description  LIN Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003B-H/SN Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2003B-H/SN Datasheet HTML 2Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 3Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 4Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 5Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 6Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 7Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 8Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 9Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MCP2003B
DS20005463C-page 6
 2015-2016 Microchip Technology Inc.
1.4
Typical Applications
EXAMPLE 1-1:
TYPICAL MCP2003B APPLICATION
EXAMPLE 1-2:
TYPICAL LIN NETWORK CONFIGURATION
LIN Bus
VBB
LBUS
VREN
TXD
RXD
VSS
VDD
TXD
RXD
VBAT
1.0 µF
CS
I/O
WAKE
50
60V
1k
VBAT
Master Node Only
VBAT
3.9 k
Wake-up
Voltage Reg
4.7 k
optional resistor and transient suppressor
33 k
220 pF
Note 1: For applications with current requirements of less than 20 mA, the connection to VBAT can be
deleted, and voltage to the regulator supplied directly from the VREN pin.
2: Required for transmission.
3: A Transient Voltage Suppressor on the LIN Bus is not required to sustain SAE J2962-1 ESD
and Direct Capacitor Coupling tests.
(Note 1)
(2)
Master
(MCU)
1k
VBB
Slave 1
(MCU)
Slave 2
(MCU)
Slave n <23
(MCU)
40m
+ Return
LIN bus
LIN bus
MCP2003B
LIN bus
MCP2003B
LIN bus
MCP2003B
LIN bus
MCP2003B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com