Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003B-H/SN Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2003B-H/SN
Description  LIN Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003B-H/SN Datasheet(HTML) 1 Page - Microchip Technology

  MCP2003B-H/SN Datasheet HTML 1Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 2Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 3Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 4Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 5Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 6Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 7Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 8Page - Microchip Technology MCP2003B-H/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2015-2016 Microchip Technology Inc.
DS20005463C-page 1
MCP2003B
Features
• The MCP2003B is Compliant with Local
Interconnect Network (LIN) Bus Specifications
1.3, 2.0, 2.1, 2.2, SAE J2602, and ISO17987
• Supports Baud Rates up to 20 Kbaud
with
LIN-Compatible Output Driver
• 60V Load Dump Protected
• Very High Electromagnetic Immunity (EMI) Meets
Stringent Original Equipment Manufacturers
(OEM) Requirements
• Direct Capacitor Coupling Robustness without
Transient Voltage Suppressor (TVS):
- ±35V on LBUS (SAE J2962-1)
- ±85V on LBUS (SAE J2962-1)
• High Electrostatic Discharge (ESD)
Immunity without TVS:
->25 kV on LBUS (SAE J2962-1)
->15 kV on VBB (IEC 61000-4-2)
- >6 kV on LBUS (IEC 61000-4-2)
• Very High Immunity to RF Disturbances Meets
Stringent OEM Requirements
• Wide Supply Voltage: 5.5V – 30.0V Continuous
• Extended (E) Temperature Range: -40°C to +125°C
• High (H) Temperature Range: -40°C to +150°C
• Interfaces to PIC® MCU EUSART and Standard
USARTs
• LIN Bus Pin:
- Internal pull-up resistor and diode
- Protected against battery shorts
- Protected against loss of ground
- High current drive: >40 mA
• Automatic Thermal Shutdown
• Low-Power Mode:
- Receiver monitoring bus and transmitter off:
(
5µA)
Description
This device provides a bidirectional, half-duplex
communication, physical interface to automotive and
industrial LIN systems to meet the LIN Bus
Specification Revision 2.2, SAE J2602, and ISO
17987.
The
device
is
both
short-circuit
and
overtemperature protected by internal circuitry. The
device has been specifically designed to operate in the
automotive operating environment and will survive all
specified transient conditions while meeting all of the
stringent quiescent current requirements.
Package Types
MCP2003B
SOIC
MCP2003B
2x3 DFN*
* Includes Exposed Thermal Pad (EP); see Table 1-2.
WAKE
CS
TXD
VBB
LBUS
1
2
3
4
8
7
6
5 VSS
VREN
RXD
EP
9
WAKE
CS
TXD
VBB
LBUS
1
2
3
4
8
7
6
5 VSS
VREN
RXD
EP
9
MCP2003B
3x3 DFN*
WAKE
CS
TXD
VBB
LBUS
1
2
3
4
8
7
6
5 VSS
VREN
RXD
LIN Transceiver


Similar Part No. - MCP2003B-H/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003 Datasheet
406Kb / 32P
LIN J2602 Transceiver
2010
MCP2003 MICROCHIP-MCP2003 Datasheet
918Kb / 34P
LIN J2602 Transceiver
11/29/11
MCP2003-E/MD MICROCHIP-MCP2003-E/MD Datasheet
406Kb / 32P
LIN J2602 Transceiver
2010
MCP2003-E/MD MICROCHIP-MCP2003-E/MD Datasheet
581Kb / 34P
LIN J2602 Transceiver
03/25/14
MCP2003-E/P MICROCHIP-MCP2003-E/P Datasheet
406Kb / 32P
LIN J2602 Transceiver
2010
More results

Similar Description - MCP2003B-H/SN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
LIN TRANSCEIVER
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
LIN Transceiver
Rev. 1.3, Dec. 2004
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
LIN Transceiver
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
LIN Transceiver
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com