Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003BT-E/MC Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2003BT-E/MC
Description  LIN Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003BT-E/MC Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2003BT-E/MC Datasheet HTML 3Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 4Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 5Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 6Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 7Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 8Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 9Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 10Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2015-2016 Microchip Technology Inc.
DS20005463C-page 7
MCP2003B
1.5
Pin Descriptions
1.5.1
RECEIVE DATA OUTPUT (RXD)
The Receive Data Output pin is an open-drain (OD)
output and follows the state of the LIN pin, except in
Power-Down mode.
1.5.1.1
RXD Monitoring
The RXD pin is internally monitored. It has to be at a
high level (> 2.5V typical) while LBUS is recessive in
Operation mode. Otherwise, an internal fault will be
created and the device will transition to Transmitter Off
mode.
1.5.2
CHIP SELECT (CS)
This is the Chip Select Input pin. An internal pull-down
resistor will keep the CS pin low. This is done to ensure
that no disruptive data will be present on the bus while
the microcontroller is executing a Power-on Reset and
an I/O initialization sequence. The pin must detect a
high level to activate the transmitter. An internal Low-
Pass filter, with a typical time constant of 10 µs,
prevents unwanted wake-up (or transition to Power-
Down mode) on glitches.
If CS = 0 when the VBB supply is turned on, the device
goes to Ready mode as soon as internal voltages sta-
bilize, and stays there as long as the CS pin is held low
(0). In Ready mode, the receiver is on and the LIN
transmitter driver is off.
If CS = 1 when the VBB supply is turned on, the device
will proceed to Operation mode, or TXOFF (refer to
Figure 1-2), as soon as internal voltages stabilize.
This pin may also be used as a local wake-up input
(refer to Example 1-1). In this implementation, the
microcontroller I/O controlling the CS should be
converted to a high-impedance input allowing the
internal pull-down resistor to keep CS low. An external
switch, or other source, can then wake-up both the
transceiver and the microcontroller (if powered). Refer
to Section 1.3 “Modes of Operation”, for detailed
operation of CS.
1.5.3
WAKE-UP INPUT (WAKE)
The WAKE pin has an internal 800 kΩ pull-up to VBB.
A falling edge on the WAKE pin causes the device to
wake from Power-Down mode. Upon waking, the
MCP2003B will enter Ready mode.
1.5.4
TRANSMIT DATA INPUT (TXD)
The Transmit Data Input pin has an internal pull-up.
The LIN pin is low (dominant) when TXD is low, and high
(recessive) when TXD is high.
For extra bus security, TXD is internally forced to ‘1’
whenever the transmitter is disabled, regardless of
external TXD voltage.
TABLE 1-2:
PINOUT DESCRIPTIONS
Pin Name
8-Lead
SOIC
2x3 DFN
3x3 DFN
Normal Operation
RXD
1
1
1
Receive Data Output (OD), HV tolerant
CS
2
2
2
Chip Select (TTL), HV tolerant
WAKE
3
3
3
Wake-up, HV tolerant
TXD
4
4
4
Transmit Data Input (TTL), HV tolerant
VSS
55
5
Ground
LBUS
6
6
6
LIN Bus (bidirectional)
VBB
7
7
7
Battery Positive
VREN
8
8
8
Voltage Regulator Enable Output
EP
—
9
9
Exposed Thermal Pad. Do not electrically
connect or connect to Vss.
Legend: TTL = TTL Input Buffer; OD = Open-Drain Output
Note:
A voltage regulator sensing circuit is
connected to RXD. This sensing circuit
internally monitors the RXD pin when
LBUS is recessive (RXD = 1). It will not
allow the device to switch (or stay) in
Operation Mode if the RXD pin is left
open. The RXD pin must be connected to
a valid supply through a pull-up resistor as
RXD is an open drain pin.
Note:
It is not recommended to tie CS high, as
this can result in the device entering
Operation
mode
before
the
microcontroller is initialized and may
result in unintentional LIN traffic. The CS
pin is internally pulled down to ground with
190 k
 when CS is less than VIL, and
2M
 when CS is greater than VIH. The
current on CS is limited to about 2 µA
when CS is greater than VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com