Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003BT-E/MC Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP2003BT-E/MC
Description  LIN Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003BT-E/MC Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP2003BT-E/MC Datasheet HTML 8Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 9Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 10Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 11Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 12Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 13Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 14Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 15Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MCP2003B
DS20005463C-page 12
 2015-2016 Microchip Technology Inc.
Input Leakage Current
(at the receiver during
recessive bus level)
IBUS_PAS_REC
—
12
20
µA
Driver off,
8V < VBB < 18V
8V < VBUS < 18V
VBUS
 VBB
Leakage Current
(disconnected from ground)
IBUS_NO_GND
-10
1.0
+10
µA
GNDDEVICE = VBB,
0V < VBUS < 18V,
VBB = 12V
Leakage Current
(disconnected from VBB)
IBUS_NO_VBB
——
10
µA
VBB = GND,
0 < VBUS < 18V,
(Note 2)
Receiver Center Voltage
VBUS_CNT
0.475 VBB 0.5 VBB 0.525 VBB
VVBUS_CNT = (VIL (LBUS) +
VIH (LBUS))/2
Slave Termination
RSLAVE
20
30
60
k
Capacitance of Slave Node
CSLAVE
——
100
pF
(Note 3)
2.3
DC Specifications (Continued)
DC Specifications
Electrical Characteristics: Unless otherwise indicated, all limits are specified for
VBB = 5.5V to 30.0V
Extended (E): TA = -40°C to +125°C
High (H): TA = -40°C to +150°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0
, TX = 0.4 VREG, VLBUS = VBB).
2:
Node has to sustain the current that can flow under this condition; bus must be operational under this
condition.
3:
Characterized; not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com