Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003BT-E/MC Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP2003BT-E/MC
Description  LIN Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003BT-E/MC Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP2003BT-E/MC Datasheet HTML 7Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 8Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 9Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 10Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 11Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 12Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 13Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 14Page - Microchip Technology MCP2003BT-E/MC Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2015-2016 Microchip Technology Inc.
DS20005463C-page 11
MCP2003B
Low-Level Input Current
(TXD)
IIL
-12
—
—
µA
Input voltage = 0.5V
High-Level Voltage (VREN)VHVREN
-0.3
—
VBB + 0.3
V
High-Level Output Current
(VREN)
IHVREN
-40
—
-5
mA
Output voltage = VBB - 0.5V
-120
—
-20
Output voltage = VBB - 2.0V
High-Level Input Voltage
(CS)
VIH
2.0
—
30
V
Through a current limiting
resistor
Low-Level Input Voltage
(CS)
VIL
-0.3
—
0.8
V
High-Level Input Current
(CS)
IIH
—
—
10.0
µA
Input voltage = 4.0V
Low-Level Input Current
(CS)
IIL
—
—
7.0
µA
Input voltage = 0.5V
Low-Level Input Voltage
(WAKE)
VIL
VBB - 4.0V
—
—
V
High-Level Input Current
(WAKE)
IIH
-12
—
—
µA
-15
—
—
µA
VBB > 18V
Low-Level Input Current
(WAKE)
IIL
-30
—
—
µA
-45
—
—
µA
VBB > 18V
Low-Level Output Voltage
(RXD)
VOL
——
0.4
V
IIN = 2 mA
Input Threshold Level
(RXD)
VTH(RXD)—
2.5
—
V
RXD > VTH;
LBUS recessive in
Operating mode
High-Level Output Current
(RXD)
IOH
-1
—
-1
µA
VLIN = VBB, VRXD = 5.5V
Bus Interface
High-Level Input Voltage
VIH(LBUS)
0.6 VBB
—
—
V
Recessive state
Low-Level Input Voltage
VIL(LBUS)-8
—
0.4 VBB
V
Dominant state
Input Hysteresis
VHYS
—
—
0.175 VBB
VVIH(LBUS) - VIL(LBUS)
Low-Level Output Current
IOL(LBUS)
40
—
200
mA
Output voltage = 0.2 VBB,
VBB = 12V
16.5
—
—
mA
Output voltage = 0.2 VBB,
VBB = 18V
High-Level Output Current
IOH(LBUS)—
—
20
µA
Short-Circuit Current Limit
ISC
50
—
200
mA
(Note 1)
High-Level Output Voltage
VOH(LBUS)
0.8 VBB
—VBB
V
Driver Dominant Voltage
V_LOSUP
——
1.2
V
RLOAD = 500
Input Leakage Current
(at the receiver during
dominant bus level)
IBUS_PAS_DO
M
-1
-0.4
—
mA
Driver off,
VBUS = 0V,
VBB = 12V
2.3
DC Specifications (Continued)
DC Specifications
Electrical Characteristics: Unless otherwise indicated, all limits are specified for
VBB = 5.5V to 30.0V
Extended (E): TA = -40°C to +125°C
High (H): TA = -40°C to +150°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0
, TX = 0.4 VREG, VLBUS = VBB).
2:
Node has to sustain the current that can flow under this condition; bus must be operational under this
condition.
3:
Characterized; not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com