Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC104 Datasheet(PDF) 2 Page - Texas Instruments

Part # MPC104
Description  Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC104 Datasheet(HTML) 2 Page - Texas Instruments

  MPC104 Datasheet HTML 1Page - Texas Instruments MPC104 Datasheet HTML 2Page - Texas Instruments MPC104 Datasheet HTML 3Page - Texas Instruments MPC104 Datasheet HTML 4Page - Texas Instruments MPC104 Datasheet HTML 5Page - Texas Instruments MPC104 Datasheet HTML 6Page - Texas Instruments MPC104 Datasheet HTML 7Page - Texas Instruments MPC104 Datasheet HTML 8Page - Texas Instruments MPC104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
®
MPC104
2
SPECIFICATIONS–DC CHARACTERISTICS
At VCC = ±5VDC, RL = 10kΩ, RIN = 100Ω, RSOURCE = 50Ω, and TA = +25°C, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
MPC104AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT OFFSET VOLTAGE
Initial
14
±30
mV
vs Temperature
60
µV/°C
vs Supply (Tracking)
VCC = ±4.5V to ±5.5V
–40
–80
dB
vs Supply (Non-tracking)
VCC = +4.5V to +5.5V
–50
dB
vs Supply (Non-tracking)
VCC = –4.5V to –5.5V
–50
dB
Initial Matching
All Buffers
3
mV
INPUT BIAS CURRENT
Initial
5
±10
µA
vs Temperature
20
nA/
°C
vs Supply (Tracking)
VCC = ±4.5V to ±5.5V
±710
nA/V
vs Supply (Non-tracking)
VCC = +4.5V to +5.5V
0.26
µA/V
vs Supply (Non-tracking)
VCC = –4.5V to –5.5V
1.7
µA/V
INPUT IMPEDANCE
Resistance
Channel On
0.88
M
Ω
Capacitance
Channel On
1.0
pF
Capacitance
Channel Off
1.0
pF
INPUT NOISE
Voltage Noise Density
fOUT = 20kHz to 10MHz
5
nV/
√Hz
Signal-to-Noise Ratio
S/N = 0.7/VN • √5MHz
96
dB
INPUT VOLTAGE RANGE
Gain Error
≤ 10%
±3.6
V
TRANSFER CHARACTERISTICS
Voltage Gain
RL = 1kΩ, VIN = ±2V
0.982
V/V
RL = 10kΩ, VIN = ±2.8V
0.98
0.992
V/V
RATED OUTPUT
Voltage
VIN = ±3V
±2.8
±2.97
V
Resistance
One Channel Selected
12.5
Ω
Resistance
No Channel Selected
900
M
Ω
Capacitance
No Channel Selected
1.2
pF
CHANNEL SELECTION INPUTS
Logic 1 Voltage
+2
V
CC +0.6
V
Logic 0 Voltage
+0.8
V
Logic 1 Current
V
SEL = 5.0V
75
100
125
µA
Logic 0 Current
V
SEL = 0.8V
0.002
5
µA
SWITCHING CHARACTERISTICS
V
I = –0.3V to +0.7V, f = 5MHz
SEL to Channel ON Time
90% Point of V
OUT = 1Vp-p
0.13
µs
SEL to Channel OFF Time
10% Point of V
OUT = 1Vp-p
0.17
µs
Switching Transient, Positive
(Measured While Switching
+13
mV
Switching Transient, Negative
Between Two Grounded Channels)
–4
mV
POWER SUPPLY
Rated Voltage
±5V
Derated Performance
±4.5
±5.5
V
Quiescent Current
One Channel Selected, Over Temperature
±4.6
±5.3
mA
No Channel Selected, Over Temperature
±120
±175
µA
Rejection Ratio
–80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com