Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC104 Datasheet(PDF) 1 Page - Texas Instruments

Part # MPC104
Description  Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC104 Datasheet(HTML) 1 Page - Texas Instruments

  MPC104 Datasheet HTML 1Page - Texas Instruments MPC104 Datasheet HTML 2Page - Texas Instruments MPC104 Datasheet HTML 3Page - Texas Instruments MPC104 Datasheet HTML 4Page - Texas Instruments MPC104 Datasheet HTML 5Page - Texas Instruments MPC104 Datasheet HTML 6Page - Texas Instruments MPC104 Datasheet HTML 7Page - Texas Instruments MPC104 Datasheet HTML 8Page - Texas Instruments MPC104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©1994 Burr-Brown Corporation
PDS-1230C
Printed in U.S.A. July, 1994
FEATURES
q BANDWIDTH: 210MHz (1.4Vp-p)
q LOW INTERCHANNEL CROSSTALK:
–79dB (30MHz, SO); –77dB (30MHz, DIP)
q LOW SWITCHING TRANSIENTS:
+13mV/–4mV
q LOW DIFFERENTIAL GAIN/PHASE
ERRORS: 0.03%, 0.01
°
q LOW QUIESCENT CURRENT:
One Channel Selected:
±4.6mA
No Channel Selected:
±120µA
APPLICATIONS
q VIDEO ROUTING AND MULTIPLEXING
(CROSSPOINTS)
q RADAR SYSTEMS
q DATA ACQUISITION
q INFORMATION TERMINALS
q SATELLITE OR RADIO LINK IF ROUTING
The MPC104 consists of two identical monolithic,
integrated, open-loop buffer amplifiers, which are
connected internally at the output. The bipolar comple-
mentary buffers form a unidirectional transmission
path and offer extremely high output-to-input isola-
tion. The MPC104 multiplexer enables the user to
connect one of two input signals to the output. The
output of the multiplexer is in a high-impedance state
when no channel is selected. When one channel is
selected with a digital “1” at the corresponding SEL
input, the component acts as a buffer with high input
impedance and low output impedance.
The wide bandwidth of over 210MHz at 1.4Vp-p
signal level, high linearity and low distortion, and low
input voltage noise of 5nV/
√Hz make this crosspoint
switch suitable for RF and video applications. All
performance is specified with
±5V supply voltage,
which reduces power consumption in comparison with
±15V designs. The multiplexer is available in a space-
saving 8-pin SO and DIP packages. Both are designed
and specified for operation over the industrial tem-
perature range (–40
°C to +85°C.)
Wide-Bandwidth
2 x 1 VIDEO MULTIPLEXER
DESCRIPTION
The MPC104 is a wide-bandwidth, 2-to-1 channel
video signal multiplexer, which can be used in a wide
variety of applications.
It was designed for wide-bandwidth systems, includ-
ing high-definition television and broadcast equip-
ment. Although it is primarily used to route video
signals, the harmonic and dynamic attributes of the
MPC104 also make it appropriate for other analog
signal routing applications such as radar, communica-
tions, computer graphics, and data acquisition sys-
tems.
IN
1
+1
V
OUT
SEL
1
IN
2
+1
SEL
2
TRUTH TABLE
SEL1
SEL2
VOUT
0
0
HI-Z
1
0
IN1
0
1
IN2
®
MPC104
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
MPC104
MPC104
SBFS008


Similar Part No. - MPC104

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
logo
NEC
MPC1040LR36C NEC-MPC1040LR36C Datasheet
2Mb / 104P
Power Inductors
logo
Kemet Corporation
MPC1040LR36C KEMET-MPC1040LR36C Datasheet
69Kb / 1P
Power, MPC, 360 nH, 20%
logo
NEC
MPC1040LR45C NEC-MPC1040LR45C Datasheet
2Mb / 104P
Power Inductors
logo
Kemet Corporation
MPC1040LR45C KEMET-MPC1040LR45C Datasheet
68Kb / 1P
Power, MPC, 450 nH, 20%
More results

Similar Description - MPC104

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
logo
List of Unclassifed Man...
MSK620 ETC-MSK620 Datasheet
447Kb / 6P
WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
Wide Bandwidth Video Switch
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG792G AD-ADG792G_15 Datasheet
569Kb / 24P
Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
logo
Texas Instruments
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
Wide Bandwidth 4x1 VIDEO MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com