Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC104 Datasheet(PDF) 6 Page - Texas Instruments

Part # MPC104
Description  Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC104 Datasheet(HTML) 6 Page - Texas Instruments

Back Button MPC104 Datasheet HTML 2Page - Texas Instruments MPC104 Datasheet HTML 3Page - Texas Instruments MPC104 Datasheet HTML 4Page - Texas Instruments MPC104 Datasheet HTML 5Page - Texas Instruments MPC104 Datasheet HTML 6Page - Texas Instruments MPC104 Datasheet HTML 7Page - Texas Instruments MPC104 Datasheet HTML 8Page - Texas Instruments MPC104 Datasheet HTML 9Page - Texas Instruments MPC104 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
®
MPC104
6
SWITCHING TRANSIENTS
Time (µs)
SWITCHING TRANSIENTS
Time (µs)
SWITCHING ENVELOPE
(Channel-to-Channel Switching)
Time (µs)
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL = 10kΩ, RIN = 100Ω, RSOURCE = 50Ω, and TA = +25°C, unless otherwise noted.
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
+5V
0V
+20mV
0V
–5mV
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
SEL
36MHz Low-Pass Filter
Acc. Eureka Rec. EU95-PG03 in
Signal Path
+5V
0V
+5mV
0V
–5mV
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
DB1
V
IN
SEL
1
DB2
SEL
2
V
OUT1
100
Ω
100
Ω
8
6
5
4
1
V
OUT
V
OUT
+0.7V
0V
–0.3V
SEL
SEL
V
OUT
36MHz Low Pass Filter
Acc. Eureka Rec. EU95-PG03
Wideband
Measurement
Input Voltage (V)
–5
5
4
3
2
1
0
–1
–2
–3
–4
TRANSFER FUNCTION
–5
–4
–3
–2
–1
012345
–5
–4
–3
–2
–1
012345
Input Voltage (V)
50
40
30
20
10
0
GAIN ERROR vs INPUT VOLTAGE
+25°C
–40°C
+85°C
10
100
10k
100k
1M
10M
Frequency (Hz)
100
10
1
INPUT VOLTAGE NOISE SPECTRAL DENSITY
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com