Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC508AP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # MPC508AP
Description  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC508AP Datasheet(HTML) 3 Page - Texas Instruments

  MPC508AP Datasheet HTML 1Page - Texas Instruments MPC508AP Datasheet HTML 2Page - Texas Instruments MPC508AP Datasheet HTML 3Page - Texas Instruments MPC508AP Datasheet HTML 4Page - Texas Instruments MPC508AP Datasheet HTML 5Page - Texas Instruments MPC508AP Datasheet HTML 6Page - Texas Instruments MPC508AP Datasheet HTML 7Page - Texas Instruments MPC508AP Datasheet HTML 8Page - Texas Instruments MPC508AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MPC508A, MPC509A
3
SBFS019A
www.ti.com
PIN CONFIGURATIONS
TRUTH TABLES
"ON"
A
2
A
1
A
0
EN
CHANNEL
X
X
X
L
None
LLL
H
1
LL
H
H
2
LH
LH
3
L
HHH
4
HL
L
H
5
HL
H
H
6
HH
L
H
7
HHHH
8
MPC508A
MPC509A
"ON"
CHANNEL
A
1
A
0
EN
PAIR
X
X
L
None
LL
H
1
LH
H
2
HL
H
3
HH
H
4
Voltage between supply pins ............................................................... 44V
V+ to ground ........................................................................................ 22V
V– to ground ........................................................................................ 25V
Digital input overvoltage VEN, VA:
VSUPPLY (+) ................................................... +4V
VSUPPLY (–) ................................................... –4V
or 20mA, whichever occurs first.
Analog input overvoltage VS:
VSUPPLY (+) ................................................ +20V
VSUPPLY (–) ................................................ –20V
Continuous current, S or D ............................................................... 20mA
Peak current, S or D
(pulsed at 1ms, 10% duty cycle max) ............................................ 40mA
Power dissipation(2) .......................................................................... 1.28W
Operating temperature range ........................................... –40
°C to +85°C
Storage temperature range ............................................. –65
°C to +150°C
NOTE: (1) Absolute maximum ratings are limiting values, applied individu-
ally, beyond which the serviceability of the circuit may be impaired. Func-
tional operation under any of these conditions is not necessarily implied.
(2) Derate 1.28mW/
°C above T
A = +70°C.
ABSOLUTE MAXIMUM RATINGS(1)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
0
En
–V
SUPPLY
In 1
In 2
In 3
In 4
Out
A
1
A
2
Ground
+V
SUPPLY
In 5
In 6
In 7
In 8
Top View
MPC508A (Plastic)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
0
En
–V
SUPPLY
In 1A
In 2A
In 3A
In 4A
Out A
A
1
Ground
+V
SUPPLY
In 1B
In 2B
In 3B
In 4B
Out B
Top View
MPC509 A (Plastic)
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see
the Package Option Addendum located at the end of this
data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com