Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC508AP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MPC508AP
Description  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC508AP Datasheet(HTML) 9 Page - Texas Instruments

Back Button MPC508AP Datasheet HTML 5Page - Texas Instruments MPC508AP Datasheet HTML 6Page - Texas Instruments MPC508AP Datasheet HTML 7Page - Texas Instruments MPC508AP Datasheet HTML 8Page - Texas Instruments MPC508AP Datasheet HTML 9Page - Texas Instruments MPC508AP Datasheet HTML 10Page - Texas Instruments MPC508AP Datasheet HTML 11Page - Texas Instruments MPC508AP Datasheet HTML 12Page - Texas Instruments MPC508AP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MPC508A, MPC509A
9
SBFS019A
www.ti.com
Out
±10V
A
En
+0.8V
I
D (Off)
10V
Out
±10V
A
I
D (On)
En
A
0
A
1
100nA
10nA
1nA
100pA
10pA
25
50
75
100
125
Temperature (
°C)
LEAKAGE CURRENT vs TEMPERATURE
NOTE: (1) Two measurements per channel: +10V/–10V and –10V/+10V.
(Two measurements per device for I
D (Off): +10V/–10V and –10V/+10V).
+4.0V
10V
Out
10V
I
S (Off)
±10V
A
En
+0.8V
Off Output
Current
I
D (Off)
Off Input
Leakage Current
I
S (Off)
On Leakage
Current I
D (On)
Analog Input Overvoltage (V)
+12
+15
+18
+21
+24
+27
+30
+33
+36
7
6
5
4
3
2
1
0
Analog Input
Current (I
IN)
Output Off
Leakage Current
I
O (Off)
I
IN
I
O (Off)
A
+V
IN
ANALOG INPUT OVERVOLTAGE CHARACTERISTICS
21
18
12
9
6
3
0
15
A
Analog Input Overvoltage (V)
−12
−15
−18
−21
−24
−27
−30
−33
−36
4
2
0
Analog Input
Current (I
IN)
Output Off
Leakage Current
I
O (Off)
I
IN
I
O (Off)
A
−V
IN
21
18
12
9
6
3
0
15
A
Positive Input Overvoltage
Negative Input Overvoltage
PERFORMANCE CHARACTERISTICS AND TEST CIRCUITS (CONT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com