Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC508AP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MPC508AP
Description  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC508AP Datasheet(HTML) 4 Page - Texas Instruments

  MPC508AP Datasheet HTML 1Page - Texas Instruments MPC508AP Datasheet HTML 2Page - Texas Instruments MPC508AP Datasheet HTML 3Page - Texas Instruments MPC508AP Datasheet HTML 4Page - Texas Instruments MPC508AP Datasheet HTML 5Page - Texas Instruments MPC508AP Datasheet HTML 6Page - Texas Instruments MPC508AP Datasheet HTML 7Page - Texas Instruments MPC508AP Datasheet HTML 8Page - Texas Instruments MPC508AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MPC508A, MPC509A
4
SBFS019A
www.ti.com
COMBINED CMR vs
FREQUENCY MPC509A AND INA110
120
100
80
60
40
20
0
1
10
100
1k
10k
Frequency (Hz)
G = 500
G = 100
G = 10
CROSSTALK vs SIGNAL FREQUENCY
1
0.1
0.01
0.001
0.0001
110
100
1k
10k
Signal Frequency (Hz)
Rs = 100kΩ
Rs = 1kΩ
Rs = 100Ω
Rs = 10kΩ
SETTLING TIME vs
SOURCE RESISTANCE FOR 20V STEP CHANGE
1k
100
10
1
0.1
0.01
0.1
1
10
100
Source Resistance (k
Ω)
To ±0.01%
To ±0.1%
TYPICAL PERFORMANCE CURVES
Typical at +25
°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com