Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV583GA-G Datasheet(PDF) 10 Page - Microchip Technology

Part # HV583GA-G
Description  128-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV583GA-G Datasheet(HTML) 10 Page - Microchip Technology

Back Button HV583GA-G Datasheet HTML 6Page - Microchip Technology HV583GA-G Datasheet HTML 7Page - Microchip Technology HV583GA-G Datasheet HTML 8Page - Microchip Technology HV583GA-G Datasheet HTML 9Page - Microchip Technology HV583GA-G Datasheet HTML 10Page - Microchip Technology HV583GA-G Datasheet HTML 11Page - Microchip Technology HV583GA-G Datasheet HTML 12Page - Microchip Technology HV583GA-G Datasheet HTML 13Page - Microchip Technology HV583GA-G Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
HV583
DS20005461A-page 10
 2015 Microchip Technology Inc.
2.1
High-Voltage Output Pins
(HVOUT0 to HVOUT127)
These
are
the
high-voltage
output
channels
(Push-Pull).
2.2
High-Voltage Power Supply Pins
(VPP)
High-voltage power supply pins for the output channels
(HVOUTn).
2.3
No Connection Pins (NC)
NC pins do not have any functionality on the IC. These
pins should not be connected.
2.4
High-Voltage Ground Pins (PGND)
High-voltage ground pins provide the reference ground
level for the high-voltage output channels.
2.5
Digital Logic Ground Pins (DGND)
Digital Logic Ground pins provide a reference ground
level for the low-voltage section of the IC, shift-regis-
ters, latches and decoders.
2.6
Logic Power Supply Pins (VDD)
Logic power supply pins for the 32-bit shift registers,
128-bit latch and decoders.
2.7
Data Input/Output Pins
(D1A, D2A, D3A, D4A)
Data Input/Output pins are configurable as inputs or
outputs for the shift registers depending on the state of
the Direction pin (DIR).
When DIR is High, pins D1A to D4A are configured as
inputs to the data shift registers. When DIR is Low,
these pins are configured as outputs of the data shift
registers.
2.8
Output Enable Pin (OE)
The Output Enable pin controls the functionality of the
high-voltage output channels.
When OE is High, all HVOUTn channels are enabled
and form a push-pull configuration to operate according
to input data, OL or OH configuration states. When OE
is Low, all HVOUTn channels are forced to a high-
impedance state, regardless of the data stored in the
128-bit latch or the state of the OL and OH pins.
2.9
Latch Enable Pin (LE)
The Latch Enable pin controls the data transfer from
the input shift registers to the 128-bit latch and the
HVOUTn channels.
When LE transitions from Low to High (rising edge),
data is transferred from the 128-bit data latch to the
HVOUTn output channels. When LE is Low, new data
can be clocked into the shift registers.
2.10
Data Input/Output Pins
(D1B, D2B, D3B, D4B)
Data Input/Output pins are configurable as inputs or
outputs for the shift registers, depending on the state of
the Direction pin (DIR).
When DIR is Low, pins D1B to D4B are configured as
inputs to the data shift registers. When DIR is High,
pins are configured as outputs of the data shift
registers.
2.11
Output Low Pin (OL)
The Output Low pin sets all high-voltage output chan-
nels (HVOUT0 to HVOUT127) to a Low-level state
(PGND).
When OL is set Low and OE is High, all the HVOUTn chan-
nels are forced to a Low-level state (PGND), regardless of
the data stored in the 128-bit latch.
2.12
Direction Pin (DIR)
The DIR pin controls the direction of the input data flow
for the input registers, whether it is clockwise (DnB to
DnA) or counter-clockwise (DnA to DnB).
When the DIR pin is set High, data flows from DnA to
DnB. When DIR pin is set Low, data flows from DnB to
DnA. See Table 1-6 for more information.
2.13
Clock Input Pin (CLK)
This is the Clock Input pin for 32-bit input shift registers.
2.14
Output High Pin (OH)
The Output High pin sets all high-voltage output channels
(HVOUT0 to HVOUT127) to a High-level state (VPP).
When OH is Low while OE and OL are High, all the
HVOUTn channels are forced to a High-level state (VPP),
regardless of the data stored in the 128-bit latch. See
Table 1-4 for more information.
2.15
Reset Pin (RST)
The RST pin clears shift registers and the 128-bit latch
data content when it is set High during the rising edge
of the CLK and LE, respectively. See Table 1-5 for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com