Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV583GA-G Datasheet(PDF) 1 Page - Microchip Technology

Part # HV583GA-G
Description  128-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV583GA-G Datasheet(HTML) 1 Page - Microchip Technology

  HV583GA-G Datasheet HTML 1Page - Microchip Technology HV583GA-G Datasheet HTML 2Page - Microchip Technology HV583GA-G Datasheet HTML 3Page - Microchip Technology HV583GA-G Datasheet HTML 4Page - Microchip Technology HV583GA-G Datasheet HTML 5Page - Microchip Technology HV583GA-G Datasheet HTML 6Page - Microchip Technology HV583GA-G Datasheet HTML 7Page - Microchip Technology HV583GA-G Datasheet HTML 8Page - Microchip Technology HV583GA-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2015 Microchip Technology Inc.
DS20005461A-page 1
HV583
Features
• 128 High-Voltage Channels
- Up to 80V Operating Output Voltage
- 30 mA Peak Output Sink/Source Current
- Output Diodes to Ground for Efficient Power
Recovery
• Four Separate Shift Registers
- Clockwise and Counter-Clockwise Data
Shifting via DIR Pin
• 40 MHz Data Rate
Applications
• Inkjet Printer Driver
• Plasma Display Driver
•3D Printer Driver
Related Devices
• HV582: 96-Channel Serial to Parallel Converter
with Push-Pull Outputs
Description
HV583 is a unipolar, 128-channel low-voltage serial to
high-voltage parallel converter with push-pull outputs.
This device has been designed for applications
requiring multiple high-voltage outputs with current
sinking and sourcing capabilities, such as plasma
displays and Inkjet printers.
The device consists of four parallel 32-bit shift
registers, a 128-bit latch and 128 high-voltage outputs.
Data can be input at 40 MHz or up to 25 MHz when
cascaded in a multiple device configuration.
HV583 is offered in a 169-ball 10 x 10 x 1.1 mm
TFBGA package.
Package Type
HV583
10x10x1.1 mm TFBGA*
Bottom View
* See Section Section 2.0 “Package Pin Configurations
and Function Description”
.
87
6
5
4
9
10
13
12
11
3
2
1
H
G
F
E
D
J
K
N
M
L
C
B
A
128-Channel Serial to Parallel Converter with Push-Pull Outputs


Similar Part No. - HV583GA-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV583 SUTEX-HV583 Datasheet
39Kb / 6P
128 Channel Serial to Parallel Converter with Push-Pull Outputs
HV583 SUTEX-HV583 Datasheet
374Kb / 7P
128-Channel Serial to Parallel Converter with Push-Pull Outputs
HV583X SUTEX-HV583X Datasheet
39Kb / 6P
128 Channel Serial to Parallel Converter with Push-Pull Outputs
HV583X SUTEX-HV583X Datasheet
374Kb / 7P
128-Channel Serial to Parallel Converter with Push-Pull Outputs
HV583 SUTEX-HV583_06 Datasheet
374Kb / 7P
128-Channel Serial to Parallel Converter with Push-Pull Outputs
More results

Similar Description - HV583GA-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV583 SUTEX-HV583 Datasheet
39Kb / 6P
128 Channel Serial to Parallel Converter with Push-Pull Outputs
HV7620 SUTEX-HV7620 Datasheet
68Kb / 5P
40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
HV583 SUTEX-HV583_06 Datasheet
374Kb / 7P
128-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV574PG-G SUTEX-HV574PG-G Datasheet
472Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Microchip Technology
HV582 MICROCHIP-HV582 Datasheet
331Kb / 20P
96-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
logo
Supertex, Inc
HV7620 SUTEX-HV7620_13 Datasheet
406Kb / 7P
40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com