Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV583GA-G Datasheet(PDF) 14 Page - Microchip Technology

Part # HV583GA-G
Description  128-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV583GA-G Datasheet(HTML) 14 Page - Microchip Technology

Back Button HV583GA-G Datasheet HTML 10Page - Microchip Technology HV583GA-G Datasheet HTML 11Page - Microchip Technology HV583GA-G Datasheet HTML 12Page - Microchip Technology HV583GA-G Datasheet HTML 13Page - Microchip Technology HV583GA-G Datasheet HTML 14Page - Microchip Technology HV583GA-G Datasheet HTML 15Page - Microchip Technology HV583GA-G Datasheet HTML 16Page - Microchip Technology HV583GA-G Datasheet HTML 17Page - Microchip Technology HV583GA-G Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
HV583
DS20005461A-page 14
 2015 Microchip Technology Inc.
Microchip Technology Drawing C04-377-J Rev C Sheet 2 of 2
Number of Terminals
Overall Height
Ball Diameter
Overall Width
Mold Cap Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
A2
e
E
N
0.75 BSC
0.35
-
0.21
0.40
-
0.32
10.00
MILLIMETERS
MIN
NOM
169
0.45
1.10
-
MAX
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Terminal A1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
169-Ball Thin Fine Pitch Ball Grid Array (7G) - 10x10x1.10 mm Body [TFBGA]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Overall Length
D
10.00
0.50
0.45
0.50
(Complies with JEDEC Terminal Assignment recommendations)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com