Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 39 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 39 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 35Page - Microchip Technology EMC2113_13 Datasheet HTML 36Page - Microchip Technology EMC2113_13 Datasheet HTML 37Page - Microchip Technology EMC2113_13 Datasheet HTML 38Page - Microchip Technology EMC2113_13 Datasheet HTML 39Page - Microchip Technology EMC2113_13 Datasheet HTML 40Page - Microchip Technology EMC2113_13 Datasheet HTML 41Page - Microchip Technology EMC2113_13 Datasheet HTML 42Page - Microchip Technology EMC2113_13 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 39
29h
R/W
Fan Interrupt
Enable Register
Controls the masking of interrupts for
the Fan Driver
00h
No
Page 55
2Ah
R/W
PWM Driver
Config
Configures the PWM driver
00h
No
Page 56
2Bh
R/W
PWM Driver Base
Frequency
Controls the base frequency of the
PWM driver
00h
No
Page 56
Temperature High Limit Registers
30h
R/W
External Diode 1
Temp High Limit
High limit for External Diode 1
55h
(+85°C)
SWL
Page 57
31h
R/W
External Diode 2
Temp High Limit
High limit for External Diode 2
55h
(+85°C)
SWL
Page 57
32h
R/W
External Diode 3
Temp High Limit
High limit for External Diode 3
55h
(+85°C)
SWL
Page 57
34h
R/W
Internal Diode
High Limit
High Limit for Internal Diode
55h
(85°C)
SWL
Page 57
Temperature Low Limit Registers
38h
R/W
External Diode 1
Temp Low Limit
Low Limit for External Diode 1
00h
(0°C)
SWL
Page 57
39h
R/W
External Diode 2
Temp Low Limit
Low Limit for External Diode 2
00h
(0°C)
SWL
Page 57
3Ah
R/W
External Diode 3
Temp Low Limit
Low Limit for External Diode 3
00h
(0°C)
SWL
Page 57
3Ch
R/W
Internal Diode
Low Limit
Low Limit for Internal Diode
00h
(0°C)
SWL
Page 57
PWM Input Duty Cycle Limit
3Dh
R/W
PWM Input Duty
Cycle High Limit
Stores the high limit for the PWM
input Duty Cycle
7Fh
SWL
Page 57
Fan Control Registers
40h
R/W
Fan Setting
Always displays the most recent fan
driver input setting for Fan. If the
RPM-based Fan Speed Control
Algorithm is disabled, allows direct
user control of the fan driver.
00h
No
Page 58
41h
R/W
PWM Divide
Stores the divide ratio to set the
frequency for the Fan
01h
No
Page 58
42h
R/W
Fan Configuration
1
Sets configuration values for the
RPM-based Fan Speed Control
Algorithm for the Fan
2Bh
No
Page 58
43h
R/W
Fan Configuration
2
Sets additional configuration values
for the Fan driver
28h
SWL
Page 60
45h
R/W
Gain
Holds the gain terms used by the
RPM-based Fan Speed Control
Algorithm for the Fan
2Ah
SWL
Page 62
Table 7.1 EMC2113 Register Set (continued)
ADDR
R/W
REGISTER
NAME
FUNCTION
DEFAULT
VALUE
LOCK
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com