Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 84 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 84 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 80Page - Microchip Technology EMC2113_13 Datasheet HTML 81Page - Microchip Technology EMC2113_13 Datasheet HTML 82Page - Microchip Technology EMC2113_13 Datasheet HTML 83Page - Microchip Technology EMC2113_13 Datasheet HTML 84Page - Microchip Technology EMC2113_13 Datasheet HTML 85Page - Microchip Technology EMC2113_13 Datasheet HTML 86Page - Microchip Technology EMC2113_13 Datasheet HTML 87Page - Microchip Technology EMC2113_13 Datasheet HTML 88Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 84 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 84
 2013 Microchip Technology Inc.
A.3
Example #3
This example uses the RPM-based Fan Speed Control Algorithm with default settings.
For control inputs, it uses the External Diode 1 channel normally, the External Diode 2 channel
normally, the PWM input instead of External Diode 3, and the Internal Diode. The configuration is set
as shown in Table A.8 while Table A.9 shows how the table is loaded.
A.3.1
LUT COnfiguration Bit Description
Bit 7 - USE_DTS_F1 = ‘0b’ tells the circuitry that the Forced Temperature 1 register data is not in DTS
format.
Bit 6 - USE_DTS_F2 = ‘0b’ tells the circuitry that the Forced Temperature 2 register data is not in DTS
format.
Bit 5 - LUT_LOCK = ‘1b’ tells the circuitry that the LUT is programmed and is active. This bit must be
set for the LUT to function.
Bit 4 - RPM_PWM = ‘0b’ tells the LUT circuitry that the FSC algorithm is active and that the LUT values
are TACH Target settings. This is the default setting.
Bit 3 - PUSH1_CFG = ‘1b’ tells the Look Up Table to reference the PWM Input Duty Cycle instead of
the Pushed Temperature 1 register.
Bit 2 - TEMP1_CFG = ‘0b’ tells the LUT to reference the External Diode 1 data instead of Forced
Temperature 1 data. This is the default setting.
Table A.7 Fan Speed Determination for Example #2 (using settings in Table A.6)
EXTERNAL
DIODE 1
TEMPERATURE
(CPU)
EXTERNAL
DIODE 2
TEMPERATURE
(GPU)
PUSHED
TEMPERATURE
(DTS1)
PUSHED
TEMPERATURE
(DTS2)
PWM RESULT
Example 1:
75°C
75°C
35°C
(translated as 65°C)
50°C
(translated as 50°C)
52h (2997 RPM) -
CPU requires highest
target
Example 2:
75°C
90°C
15°C
(translated as
85°C)
20°C
(translated as 80°C)
29h (5994 RPM) -
DTS1 requires
highest target
Example 3:
75°C
97.25°C
30°C
(translated as 70°C)
5°C
(translated as
95°C)
31h (5016 RPM) -
DTS2 requires
highest target
Table A.8 Look Up Table Example #3 Configuration
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
SETTING
90h
LUT
Configuration
USE_
DTS_F1
USE_
DTS_F2
LUT_
LOCK
RPM /
PWM
PUSH1_
CFG
TEMP1_
CFG
TEMP3_
CFG
TEMP4_
CFG
2Ah
00
1
0
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com