Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2113 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC2113
Description  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 Datasheet(HTML) 1 Page - Microchip Technology

  EMC2113_13 Datasheet HTML 1Page - Microchip Technology EMC2113_13 Datasheet HTML 2Page - Microchip Technology EMC2113_13 Datasheet HTML 3Page - Microchip Technology EMC2113_13 Datasheet HTML 4Page - Microchip Technology EMC2113_13 Datasheet HTML 5Page - Microchip Technology EMC2113_13 Datasheet HTML 6Page - Microchip Technology EMC2113_13 Datasheet HTML 7Page - Microchip Technology EMC2113_13 Datasheet HTML 8Page - Microchip Technology EMC2113_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
 2013 Microchip Technology Inc.
DS20005251A-page 1
Datasheet
PRODUCT FEATURES
EMC2113
RPM-Based Fan Controller with Multiple Temperature
Zones & Hardware Thermal Shutdown
General Description
The EMC2113 is an SMBus compliant fan controller.
The fan driver can be operated using two methods, each
with two modes. The methods include an RPM-based
Fan Speed Control Algorithm and a direct PWM drive
setting. The modes include manually programming the
desired settings or using the internal programmable
temperature look-up table to select the desired setting
based on measured temperature.
The EMC2113 includes a temperature monitor that
measures up to three (3) external diodes and the
internal diode. The temperature monitors offer 1°C
accuracy (for external diodes) with sophisticated
features to reduce errors introduced by series resistance
and beta variation of substrate thermal diode transistors
commonly found in processors.
The device includes high and low limits for all
temperature channels as well as a hardware set critical
temperature limit. This hardware set limit drives a
dedicated system shutdown pin.
Finally, the device includes an open-drain, active low
interrupt pin to flag temperature or fan control errors.
Applications
Notebook Computers
Projectors
Graphics Cards
Industrial and Networking Equipment
Features
Programmable Fan Control circuit
—
4-wire fan compatible
—
Both Low and High frequency PWM
RPM-based fan control algorithm
—
2% accurate from 500 RPM to 16k RPM
— Automatic Tachometer feedback
Temperature Look-Up Table
—
Controls fan speed or PWM drive setting
—
Eight steps that incorporate up to four temperature
zones simultaneously (user selectable)
—
Supports forced DTS or standard temperature data
— Allows external PWM input (150Hz to 40kHz)
Up to Three External Temperature Channels
—
Supports transistor model for 90nm - 45nm Intel CPUs
—
Resistance Error Correction and Beta Compensation
—
1°C accurate (60°C to 125°C)
—
0.125°C resolution
—
Programmable High and Low limits
Hardware Programmable Thermal Shutdown
Temperature
—
Cannot be altered by software
—
65°C to 127°C Range
—
Dedicated system shutdown interrupt pin
Internal Temperature Monitor
—
±1°C accuracy
—
0.125°C resolution
3.3V Supply Voltage
Open drain interrupt pin
SMBus 2.0 Interface
—
SMBus Alert compatible
—
Selectable SMBus Address via pull-up resistor and
ADDR_SEL pin
—
Block Read and Write
Available in 16-pin 4mm x 4mm QFN RoHS
Compliant package


Similar Part No. - EMC2113_13

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2113-1-AP-TR SMSC-EMC2113-1-AP-TR Datasheet
1Mb / 85P
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
More results

Similar Description - EMC2113_13

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2106 SMSC-EMC2106 Datasheet
1Mb / 106P
Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104 Datasheet
1Mb / 101P
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
logo
Microchip Technology
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2106 SMSC-EMC2106_09 Datasheet
2Mb / 106P
Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104_11 Datasheet
1Mb / 99P
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2112 SMSC-EMC2112 Datasheet
930Kb / 65P
RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2103DB SMSC-EMC2103DB Datasheet
293Kb / 9P
RPM-Based Fan Controller with Hardware Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com