Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F67751AIPEU Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F67751AIPEU
Description  Polyphase Metering SoCs
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F67751AIPEU Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F67751AIPEU Datasheet HTML 1Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 2Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 3Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 4Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 5Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 6Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 7Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 8Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 176 page
background image
MSP430F67791A
, MSP430F67781A, MSP430F67771A, MSP430F67761A, MSP430F67751A
MSP430F67691A
, MSP430F67681A, MSP430F67671A, MSP430F67661A, MSP430F67651A
MSP430F67491A, MSP430F67481A, MSP430F67471A, MSP430F67461A, MSP430F67451A
SLAS983 – MAY 2014
www.ti.com
1.3
Description
The Texas Instruments MSP430F67xx1A family of polyphase metering SoCs are powerful highly
integrated solutions for revenue meters that offer accuracy and low system cost with few external
components. The MSP430F67xx1A uses the low-power MSP430™ CPU with a 32-bit multiplier to perform
all energy calculations, metering applications such as tariff rate management, and communications with
AMR and AMI modules.
The MSP430F67xx1A features Texas Instruments' 24-bit sigma-delta converter technology, which
provides better than 0.1% accuracy. Family members include up to 512KB of flash, 32KB of RAM, and an
LCD controller with support for up to 320 segments.
The ultra-low-power nature of the MSP430F67xx1A means that the system power supply can be
minimized to reduce overall cost. Low standby power means that backup energy storage can be
minimized, and critical data can be retained longer in case of a mains power failure.
The MSP430F67xx1A family executes the Texas Instruments energy measurement software library, which
calculates all relevant energy and power results. The energy measurement software library is available
with the MSP430F67xx1A at no cost. Industry standard development tools and hardware platforms are
available to speed development of meters that meet all of the ANSI and IEC standards globally.
Table 1-1. Device Information(1)
PART NUMBER
PACKAGE
DIMENSIONS
MSP430F67791APEU
LQFP (128)
20 mm x 14 mm
MSP430F67791APZ
LQFP (100)
14 mm x 14 mm
(1)
For the most current part, package, and ordering information, see the Package Option Addendum in
Section 9, or see the TI web site at www.ti.com.
2
Device Overview
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F67791A MSP430F67781A MSP430F67771A MSP430F67761A MSP430F67751A
MSP430F67691A MSP430F67681A MSP430F67671A MSP430F67661A MSP430F67651A MSP430F67491A
MSP430F67481A MSP430F67471A MSP430F67461A MSP430F67451A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com