Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F67751AIPEU Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F67751AIPEU
Description  Polyphase Metering SoCs
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F67751AIPEU Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F67751AIPEU Datasheet HTML 1Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 2Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 3Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 4Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 5Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 6Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 7Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 8Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 176 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
MSP430F67791A
, MSP430F67781A, MSP430F67771A, MSP430F67761A, MSP430F67751A
MSP430F67691A
, MSP430F67681A, MSP430F67671A, MSP430F67661A, MSP430F67651A
MSP430F67491A, MSP430F67481A, MSP430F67471A, MSP430F67461A, MSP430F67451A
SLAS983 – MAY 2014
MSP430F677x1A, MSP430F676x1A, MSP430F674x1A Polyphase Metering SoCs
1
Device Overview
1.1
Features
1
3.6 V Down to 1.8 V
• Accuracy < 0.1% Over 2000:1 Dynamic Range for
Phase Current
• Ultra-Low Power Consumption During Energy
Measurement
• Meets or Exceeds ANSI C12.20 and IEC 62053
Standards
– 2.9 mW at 10-MHz Operation (3 V)
• Support for Multiple Sensors Such as Current
• Multiple Low-Power Modes
Transformers, Rogowski Coils, or Shunts
– Standby Mode (LPM3): 2.1 µA at 3 V,
• Power Measurement for up to Three Phases Plus
Wake Up in Less Than 5 µs
Neutral
– RTC Mode (LPM3.5): 0.34 µA at 3 V
• Dedicated Pulse Output Pins for Active and
– Shutdown Mode (LPM4.5): 0.18 µA at 3 V
Reactive Energy for Calibration
• Up to 512KB of Single-Cycle Flash
• Four-Quadrant Measurement per Phase or
• Up to 32KB of RAM With Single-Cycle Access
Cumulative
• Up to Seven Independent 24-Bit Sigma-Delta
• Exact Phase-Angle Measurements
ADCs With Differential Inputs and Variable Gain
• Digital Phase Correction for Current Transformers
• System 10-Bit 200-ksps ADC
• Temperature Compensated Energy Measurements
– Six Channels Plus Supply and Temperature
• 40-Hz to 70-Hz Line Frequency Range Using
Sensor Measurement
Single Calibration
• Six Enhanced Communications Ports
• Flexible Power Supply Options With Automatic
– Configurable Among Four UART, Six SPI, and
Switching
Two I²C Interfaces
• Display Operates at Very Low Power During AC
• Four 16-Bit Timers With Nine Total
Mains Failure: 3 µA in LPM3
Capture/Compare Registers
• LCD Driver With Contrast Control for up to 320
• 128-Pin LQFP (PEU) Package With 90 I/O Pins
Segments
• 100-Pin LQFP (PZ) Package With 62 I/O Pins
• Password-Protected Real-Time Clock With Crystal
• Industrial Temperature Range of –40°C to 85°C
Offset Calibration and Temperature Compensation
• Three-Phase Electronic Watt-Hour Meter
• Integrated Security Modules to Support Anti-
Development Tools
Tamper and Encryption
– EVM430-F6779A With SLAA577 Application
• Multiple Communication Interfaces for Smart Meter
Note
Implementations
– MSP430™ Energy Library
• High-Performance 25-MHz CPU With 32-Bit
• For Complete Module Descriptions, See the
Multiplier
MSP430x5xx and MSP430x6xx Family User's
• Wide Input Supply Voltage Range:
Guide (SLAU208)
1.2
Applications
•
Three-Phase Electronic Watt-Hour Meters
•
Energy Monitoring
•
Utility Metering
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - MSP430F67751AIPEU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F67751 TI1-MSP430F67751 Datasheet
1Mb / 156P
POLYPHASE METERING SoCs
MSP430F67751IPEU TI1-MSP430F67751IPEU Datasheet
1Mb / 156P
POLYPHASE METERING SoCs
MSP430F67751IPEU TI1-MSP430F67751IPEU Datasheet
1Mb / 162P
Polyphase Metering SoCs
MSP430F67751IPEUR TI1-MSP430F67751IPEUR Datasheet
1Mb / 156P
POLYPHASE METERING SoCs
MSP430F67751IPEUR TI1-MSP430F67751IPEUR Datasheet
1Mb / 162P
Polyphase Metering SoCs
More results

Similar Description - MSP430F67751AIPEU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7752B AD-ADE7752B Datasheet
326Kb / 27P
Polyphase Energy Metering IC with Pulsed Output
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
logo
Texas Instruments
MSP430F67751 TI1-MSP430F67751 Datasheet
1Mb / 156P
POLYPHASE METERING SoCs
MSP430F6776IPEU TI-MSP430F6776IPEU Datasheet
1Mb / 157P
POLYPHASE METERING SoCs
MSP430F677X TI1-MSP430F677X_14 Datasheet
1Mb / 163P
Polyphase Metering SoCs
MSP430F677X1 TI1-MSP430F677X1 Datasheet
1Mb / 163P
Polyphase Metering SoCs
MSP430F67641A TI1-MSP430F67641A Datasheet
1Mb / 147P
Polyphase Metering SoCs
MSP430F677X TI1-MSP430F677X_16 Datasheet
1Mb / 162P
Polyphase Metering SoCs
MSP430F6779A TI1-MSP430F6779A Datasheet
2Mb / 176P
Polyphase Metering SoCs
MSP430F677X1 TI1-MSP430F677X1_16 Datasheet
1Mb / 162P
Polyphase Metering SoCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com