Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F67751AIPEU Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F67751AIPEU
Description  Polyphase Metering SoCs
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F67751AIPEU Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F67751AIPEU Datasheet HTML 35Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 36Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 37Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 38Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 39Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 40Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 41Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 42Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 176 page
background image
MSP430F67791A
, MSP430F67781A, MSP430F67771A, MSP430F67761A, MSP430F67751A
MSP430F67691A
, MSP430F67681A, MSP430F67671A, MSP430F67661A, MSP430F67651A
MSP430F67491A, MSP430F67481A, MSP430F67471A, MSP430F67461A, MSP430F67451A
www.ti.com
SLAS983 – MAY 2014
5.8.2
Power Management Module (PMM)
Table 5-12. PMM, Brown-Out Reset (BOR)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(DVCC_BOR_IT–)
BORH on voltage, DVCC falling level
| dDVCC/dt | < 3 V/s
1.45
V
V(DVCC_BOR_IT+)
BORH off voltage, DVCC rising level
| dDVCC/dt | < 3 V/s
0.80
1.20
1.50
V
V(DVCC_BOR_hys)
BORH hysteresis
50
250
mV
Pulse duration required at RST/NMI pin to
tRESET
2
µs
accept a reset
Table 5-13. PMM, Core Voltage
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCORE3(AM)
Core voltage, active mode, PMMCOREV = 3
2.4 V
≤ DVCC ≤ 3.6 V
1.91
V
VCORE2(AM)
Core voltage, active mode, PMMCOREV = 2
2.2 V
≤ DVCC ≤ 3.6 V
1.81
V
VCORE1(AM)
Core voltage, active mode, PMMCOREV = 1
2 V
≤ DVCC ≤ 3.6 V
1.61
V
VCORE0(AM)
Core voltage, active mode, PMMCOREV = 0
1.8 V
≤ DVCC ≤ 3.6 V
1.41
V
VCORE3(LPM)
Core voltage, low-current mode, PMMCOREV = 3
2.4 V
≤ DVCC ≤ 3.6 V
1.94
V
VCORE2(LPM)
Core voltage, low-current mode, PMMCOREV = 2
2.2 V
≤ DVCC ≤ 3.6 V
1.92
V
VCORE1(LPM)
Core voltage, low-current mode, PMMCOREV = 1
2 V
≤ DVCC ≤ 3.6 V
1.73
V
VCORE0(LPM)
Core voltage, low-current mode, PMMCOREV = 0
1.8 V
≤ DVCC ≤ 3.6 V
1.52
V
Table 5-14. PMM, SVS High Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVSHE = 0, DVCC = 3.6 V
0
nA
I(SVSH)
SVS current consumption
SVSHE = 1, DVCC = 3.6 V, SVSHFP = 0
200
nA
SVSHE = 1, DVCC = 3.6 V, SVSHFP = 1
1.5
µA
SVSHE = 1, SVSHRVL = 0
1.60
1.65
1.75
SVSHE = 1, SVSHRVL = 1
1.77
1.84
1.95
V(SVSH_IT–)
SVSH on voltage level
V
SVSHE = 1, SVSHRVL = 2
1.93
2.00
2.12
SVSHE = 1, SVSHRVL = 3
2.09
2.16
2.29
SVSHE = 1, SVSMHRRL = 0
1.65
1.75
1.85
SVSHE = 1, SVSMHRRL = 1
1.85
1.95
2.05
SVSHE = 1, SVSMHRRL = 2
2.05
2.15
2.25
SVSHE = 1, SVSMHRRL = 3
2.15
2.25
2.35
V(SVSH_IT+)
SVSH off voltage level
V
SVSHE = 1, SVSMHRRL = 4
2.30
2.40
2.55
SVSHE = 1, SVSMHRRL = 5
2.57
2.70
2.83
SVSHE = 1, SVSMHRRL = 6
2.90
3.05
3.20
SVSHE = 1, SVSMHRRL = 7
2.90
3.05
3.20
SVSHE = 1, dVDVCC/dt = 10 mV/µs, SVSHFP = 1
2.5
tpd(SVSH)
SVSH propagation delay
µs
SVSHE = 1, dVDVCC/dt = 1 mV/µs, SVSHFP = 0
20
SVSHE = 0
→ 1, dVDVCC/dt = 10 mV/µs, SVSHFP = 1
12.5
t(SVSH)
SVSH on or off delay time
µs
SVSHE = 0
→ 1, dVDVCC/dt = 1 mV/µs, SVSHFP = 0
100
dVDVCC/dt
DVCC rise time
0
1000
V/s
Copyright © 2014, Texas Instruments Incorporated
Specifications
39
Submit Documentation Feedback
Product Folder Links: MSP430F67791A MSP430F67781A MSP430F67771A MSP430F67761A MSP430F67751A
MSP430F67691A MSP430F67681A MSP430F67671A MSP430F67661A MSP430F67651A MSP430F67491A
MSP430F67481A MSP430F67471A MSP430F67461A MSP430F67451A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com