Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR8600 Datasheet(PDF) 13 Page - AMIC Technology

Part # ASR8600
Description  Ambient Light, Solar-UV, IR and Proximity Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

ASR8600 Datasheet(HTML) 13 Page - AMIC Technology

Back Button ASR8600 Datasheet HTML 6Page - AMIC Technology ASR8600 Datasheet HTML 7Page - AMIC Technology ASR8600 Datasheet HTML 8Page - AMIC Technology ASR8600 Datasheet HTML 9Page - AMIC Technology ASR8600 Datasheet HTML 10Page - AMIC Technology ASR8600 Datasheet HTML 11Page - AMIC Technology ASR8600 Datasheet HTML 12Page - AMIC Technology ASR8600 Datasheet HTML 13Page - AMIC Technology ASR8600 Datasheet HTML 14Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ASR8600
PRELIMINARY
(March, 2015, Version 0.0)
12
AMIC Technology Corp.
Application Circuit Reference
VDD
GND
LDR
INT
SDA
SCL
ASR8600
VBUS
IR LED
1uF
1uF
10KΩ 10KΩ 10KΩ
VDD
VLED
Recommended Reflow Profile
Process Zone
Symbol
△T
Maximum △T/△time or
Duration
Heat Up
P1, R1
25
°C to 150°C
3
°C/s
Solder Paste Dry
P2, R2
150
°C to 200°C
100s to 180s
Solder Reflow
P3, R3
P3, R4
200
°C to 260°C
260
°C to 200°C
3
°C/s
-6
°C/s
Cool Down
P4, R5
200
°C to 25°C
-6
°C/s
Time maintained above liquidus point, 217
°C
> 217
°C
60s to 120s
Peak Temperature
260
°C
-
Time within 5
°C of actual Peak Temperature
> 255
°C
20s to 40s
Time 25
°C to Peak Temperature
25
°C to 260°C
8 mins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com