Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR8600 Datasheet(PDF) 2 Page - AMIC Technology

Part # ASR8600
Description  Ambient Light, Solar-UV, IR and Proximity Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

ASR8600 Datasheet(HTML) 2 Page - AMIC Technology

  ASR8600 Datasheet HTML 1Page - AMIC Technology ASR8600 Datasheet HTML 2Page - AMIC Technology ASR8600 Datasheet HTML 3Page - AMIC Technology ASR8600 Datasheet HTML 4Page - AMIC Technology ASR8600 Datasheet HTML 5Page - AMIC Technology ASR8600 Datasheet HTML 6Page - AMIC Technology ASR8600 Datasheet HTML 7Page - AMIC Technology ASR8600 Datasheet HTML 8Page - AMIC Technology ASR8600 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ASR8600
Ambient Light, Solar-UV, IR and Proximity Sensor
Preliminary
with I2C digital interface
PRELIMINARY
(March, 2015, Version 0.0)
1
AMIC Technology Corp.
General Description
The ASR8600 is an integrated sensor of ambient light (ALS),
Infrared light (IR), Solar-UV, and proximity sensing (PS). It
provides innovative algorithms which can be friendly in
application. ASR8600 is a perfect solution in application for
light and PS sensing.
ASR8600 ALS/IR sensing offers ASC (Auto Scale Control)
mode other than traditional manual mode which needs user
to manually set sensing time and gain to get proper
resolution according to light intensity. With ASC mode,
ASR8600 could automatically adjust the sensing time and
gain to the best resolution for various light intensity. User just
needs simply to read the measured light data in accuracy
without any other setting. The ASC output data is in dynamic
range of 16 bits up to 64K lux. The Solar-UV sensing adopts
only ASC mode without manual mode option.
User can combine ASR8600 with LED or LD (Laser Diode)
to do PS sensing, detecting the presence of nearby object to
avoid any physical contact. The spectrum of LED/LD light
source could be IR or Green selected by customer using
user command. The driving current and pulse time of
LED/LD is widely optional according to the distance to be
detected.
To cancel the PS optical crosstalk from overlay reflection,
ASR8600 offers PS Offset cancellation function. The PS
Offset function can cancel the system internal reflection but
still keep full dynamic range of 8 bits (256 steps) of PS
output so that user has no need to modify the PS threshold
setting when applying the PS Offset function.
ASR8600 also offers PS Auto Trim function if user requires a
precise proximity distance to be detected in application. The
PS Auto Trim function can automatically set optimized gain
value in chip according to the distance between the preset
object and chip, and the PS Trim value could be easily read
out through user command, once the trim operation is done.
Applications
Notebook / Monitor
Smart phone (touch screen disable and backlight control)
LCD display (backlight control)
Table PC
PDA
Presence Detection
Industrial sensor
Features
Ambient Light, Solar-UV, IR and Proximity Sensor
Ambient Light (ALS) / IR Sensing
- ALS closes to human-eye response (UV/IR rejection)
- IR detecting spectrum in range of near Infrared
- 12 bits resolution with gain and integration time setting
- ASC mode optional with 16 bits dynamic range
- Detected dynamic rang up to 64K lux
- Programmable high/low threshold interrupt
Solar-UV Sensing
- CIE Erythemal Action Spectrum weighted
- 11 indexes calculated by 16 bits dynamic output data
Proximity Sensing (PS)
- Selectable light source of IR or Green
- Wide range driving current of LED/LD, 2.5mA~300mA
- Changeable PS pulse time from 0.1ms to 1.28ms
- 8 bits effective counts
- Programmable high/low threshold interrupt
- PS Offset to cancel crosstalk without dynamic range loss
- PS Auto Trim function for precise distance detection
User trimming capable for overlay or environment correction
I2C digital Interface up to 400KHz with Interrupt Pin
Wait-time range from 0 to 5 seconds to save power
50/60Hz flicker noise rejection
VDD = 2.5V to 3.6V
Temperature compensation : -40
°C to +85°C
Low Power consumption
Package option
- 6-pin OCDFN (2mm x 2.5mm x 0.8mm)
- All Pb-free (Lead-free) Products are RoHS2.0 Compliant
Pin Assignment
6 - SDA
5 - SCL
4 - INT
1 - VDD
2 - GND
3 - LDR
1
VDD Power
4
Interrupt
2
Ground
5
I2C Clock
3
LED Driving Port
6
I2C Data
Ordering Information
Part Number
Temp. Range
Package & Size
Packing
Lead-Free/RoHS
ASR8600
-40
°C ~ +85°C
6pin OCDFN (2mm x 2.5mm x 0.8mm)
Tape and Reel
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com