Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR8600 Datasheet(PDF) 14 Page - AMIC Technology

Part # ASR8600
Description  Ambient Light, Solar-UV, IR and Proximity Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

ASR8600 Datasheet(HTML) 14 Page - AMIC Technology

Back Button ASR8600 Datasheet HTML 6Page - AMIC Technology ASR8600 Datasheet HTML 7Page - AMIC Technology ASR8600 Datasheet HTML 8Page - AMIC Technology ASR8600 Datasheet HTML 9Page - AMIC Technology ASR8600 Datasheet HTML 10Page - AMIC Technology ASR8600 Datasheet HTML 11Page - AMIC Technology ASR8600 Datasheet HTML 12Page - AMIC Technology ASR8600 Datasheet HTML 13Page - AMIC Technology ASR8600 Datasheet HTML 14Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ASR8600
PRELIMINARY
(March, 2015, Version 0.0)
13
AMIC Technology Corp.
Package Information
OCDFN 6L (2mm x 2.5mm x 0.8mm) Outline Dimensions
unit:
mm
1.30
TOP VIEW
6
5
4
1
2
3
0.50
0.75
2.00
1.30
1
2
3
6
5
4
0.55
0.30
BOTTOM VIEW
SIDE VIEW
polarity mark
1
VDD Power
4
Interrupt
2
Ground
5
I2C Clock
3
LED Driving Port
6
I2C Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com