Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS23P19Z Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MS23P19Z
Description  20V P-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS23P19Z Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MS23P19Z Datasheet HTML 1Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 2Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 3Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 4Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 5Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MS23P19Z
20V P-Channel MOSFETs
Publication Order Number: [MS23P19Z]
© Bruckewell Technology Corporation Rev. A -2014
Description
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
Features
• -20V,-
250mA, RDS(ON) =650mΩ@VGS = -4.5V
• Improved dv/dt capability
• Fast switching
• Green Device Available
• Suit for -1.5V Gate Drive Applications
• RoHS compliant package
Application
• Notebook
• Load Switch
• Battery Protection
• Hand-held Instruments
Packing & Order Information
50/Tube ; 1,000/Box
Graphic symbol


Similar Part No. - MS23P19Z

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS23P01 BWTECH-MS23P01 Datasheet
626Kb / 6P
P-Channel 20-V (D-S) MOSFET
MS23P01S BWTECH-MS23P01S Datasheet
380Kb / 6P
P-Channel Enhancement Mode Power MOSFET
MS23P21 BWTECH-MS23P21 Datasheet
257Kb / 4P
P-Channel 20-V (D-S) MOSFET
MS23P25 BWTECH-MS23P25 Datasheet
441Kb / 5P
P-Channel 20-V (D-S) MOSFET
MS23P39 BWTECH-MS23P39 Datasheet
681Kb / 6P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - MS23P19Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
20V N & P-Channel PowerTrench MOSFETs
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
20V N & P-Channel PowerTrench MOSFETs
logo
Bruckewell Technology L...
MSN23P09S BWTECH-MSN23P09S Datasheet
619Kb / 6P
20V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2116DFN22 FS-FTK2116DFN22 Datasheet
859Kb / 6P
20V NP Dual Channel MOSFETs
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
20V N P Dual Channel MOSFETs
FTK2215PP FS-FTK2215PP Datasheet
1Mb / 5P
20V Dual P-Channel MOSFETs
FTK2219PP FS-FTK2219PP Datasheet
964Kb / 4P
20V Dual P Channel MOSFETs
FTK2309DFN22 FS-FTK2309DFN22 Datasheet
988Kb / 5P
20V P-Channel MOSFETs
FTK2309S FS-FTK2309S Datasheet
940Kb / 5P
20V P-Channel MOSFETs
FTK2307S FS-FTK2307S Datasheet
948Kb / 5P
20V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com