Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS23P19Z Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS23P19Z
Description  20V P-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS23P19Z Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS23P19Z Datasheet HTML 1Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 2Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 3Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 4Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 5Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MS23P19Z
20V P-Channel MOSFETs
Publication Order Number: [MS23P19Z]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Source Voltage
±8
V
ID
Drain Current -Continuous (TC=25°C)
-250
mA
Drain Current -Continuous (TC=100°C)
-160
mA
IDM
Drain Current Pulsed
1
-1.0
A
PD
Power Dissipation (TC=25°C)
155
mW
Power Dissipation –Derate above 25°C
1.25
mW/°C
TJ
Storage Temperature Range
-55 to 150
°C
TSTG
Operating Junction Temperature Range
-55 to 150
°C
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJA
Thermal Resistance Junction to ambient
800
°C/W
Electrical Characteristics (TJ=25°C, unless otherwise noted)
On Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS
Gate Threshold Voltage
VDS = VGS , ID = 250μA
-0.3
-0.7
-1.0
V
VGS(th) Temperature Coefficient
3
mV/°C
RDS(ON)
Static Drain-Source On-Resistance
VGS = -4.5 V , ID = -0.2 A
500
650
m
Ω
VGS = -2.5 V , ID = -0.15 A
700
900
VGS = -1.8 V , ID = -0.1 A
1100
1400
VGS = -1.5 V , ID = -0.1 A
1700
2300
Off Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V , ID=250μA
-20
--
--
V
△BV
DSS
/
△T
J
BVDSS Temperature Coefficient
ID = -1mA , Referenced to 25°C
--
-0.01
--
V/°C
IDSS
Drain-Source Leakage Current
VDS = -20 V , VGS = 0 V, TJ = 125°C
VDS = -16 V , VGS = 0 V , TJ = 125°C
--
--
-1
-10
uA
IGSS
Gate-Source Leakage Current
VGS = ±8 V , VDS = 0 V
--
--
±20
uA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com