Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS23P19Z Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MS23P19Z
Description  20V P-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS23P19Z Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MS23P19Z Datasheet HTML 1Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 2Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 3Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 4Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 5Page - Bruckewell Technology LTD MS23P19Z Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MS23P19Z
20V P-Channel MOSFETs
Publication Order Number: [MS23P19Z]
© Bruckewell Technology Corporation Rev. A -2014
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
Qg
Total Gate Charge
2,3
VDS = -10 V,ID = -0.2 A,
VGS = -4.5 V
--
1
2
nC
Qgs
Gate-Source Charge
2,3
--
0.28
0.5
nC
Qgd
Gate-Drain Charge
2,3
--
0.18
0.4
nC
Td(on)
Turn-On Time
2,3
VDD = -10 V, ID = -0.2 A,
RG = 10 Ω , VGS = -4.5 V
--
8
16
ns
Tr
Turn-On Time
2,3
--
5.2
10
ns
Td(off)
Turn-Off Delay Time
2,3
--
30
60
ns
Tf
Turn-Off Fall Time
2,3
--
18
36
ns
CISS
Input Capacitance
VDS = -10 V, VGS = 0 V,
F = 1.0MHz
--
40
78
pF
COSS
Output Capacitance
--
15
30
pF
CRSS
Reverse Transfer Capacitance
--
6.5
13
pF
Drain-Source Diode Characteristics and Maximum Ratings
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
IS
Continuous Source Current
VG=VD=0V , Force Current
--
--
-0.25
A
ISM
Pulsed Source Current
--
--
-0.5
VSD
Diode Forward Voltage
IS = -0.2 A , VGS = 0 V, TJ = 125°C
--
--
-1
V
Notes;
1. Repetitive Rating : Pulsed width limited by maximum junction temperature.
2. The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
3. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com