Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004 Datasheet(PDF) 19 Page - Texas Instruments

Part # TNETE2004
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TNETE2004_09 Datasheet HTML 15Page - Texas Instruments TNETE2004_09 Datasheet HTML 16Page - Texas Instruments TNETE2004_09 Datasheet HTML 17Page - Texas Instruments TNETE2004_09 Datasheet HTML 18Page - Texas Instruments TNETE2004_09 Datasheet HTML 19Page - Texas Instruments TNETE2004_09 Datasheet HTML 20Page - Texas Instruments TNETE2004_09 Datasheet HTML 21Page - Texas Instruments TNETE2004_09 Datasheet HTML 22Page - Texas Instruments TNETE2004_09 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
auto-negotiation advertisement register at 0x4
BYTE 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BYTE 0
0
N
X
T
P
A
G
E
R
E
S
E
R
V
E
D
R
F
L
T
TECHNOLOGY ABILITY FIELD
SELECTOR FIELD
Figure 8. Auto-Negotiation Advertisement Register
Table 5. Auto-Negotiation Advertisement-Register Bit Functions
BIT
FUNCTION
DIRECTION†
DEFAULT
NO.
NAME
FUNCTION
DIRECTION†
DEFAULT
15
NXTPAGE
Auto-negotiation next page. NXTPAGE should be set when there is a next
page to transmit. The next page is set by writing to AN_NEXTPAGE.
RO
0
14
RESERVED
Reserved
RO
0
13
RFLT
Remote fault. RFLT enabled indicates to the link partner that there is a fault
condition on the TNETE2004. RFLT can be set only by a management entity.
This bit does not imply an internal test mode.
R/W
0
12–5
TECHNOLOGY
ABILITY FIELD‡
This field indicates the technology abilities advertised to the link partner.
Unsupported technologies cannot be transmitted, hence, only two bits have
significance.
Bit 6: Full-duplex 10BASE-T
Bit 5: Half-duplex 10BASE-T
All other bits are hardwired to 0.
R/W
Bits 5 and 6
are set to 1, all
others are set
to 0.
4–0
SELECTOR
FIELD
This field specifies the format of the page to be transmitted. This PHY supports
only standard IEEE Std 802.3u base pages, so this field is hardwired to 00001.
RO
† RO = read only, R/W = read/write
‡ After a reset, the PHY attempts to drive the duplex pin. If the pin can be driven high, then bit 6 is set. If the pin can be driven low, then bit 5 is
set.
auto-negotiation link-partner ability register at 0x5
This register contains the most recently received link control word from the remote PHY. Writing to this register
has no effect. The contents of this register are undefined unless either ACOMPLETE (bit 5, register 1) or
PAGERX (bit 1, register 6) are set.
When ACOMPLETE is set, the bits in this register are as described in Table 6.
BYTE 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BYTE 0
0
L
P
N
X
T
P
A
G
E
R
E
S
E
R
V
E
D
L
P
R
F
L
T
LINK-PARTNER
TECHNOLOGY ABILITY FIELD
LINK-PARTNER
SELECTOR FIELD
Figure 9. Auto-Negotiation Link-Partner Ability Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com