Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004 Datasheet(PDF) 6 Page - Texas Instruments

Part # TNETE2004
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETE2004_09 Datasheet HTML 2Page - Texas Instruments TNETE2004_09 Datasheet HTML 3Page - Texas Instruments TNETE2004_09 Datasheet HTML 4Page - Texas Instruments TNETE2004_09 Datasheet HTML 5Page - Texas Instruments TNETE2004_09 Datasheet HTML 6Page - Texas Instruments TNETE2004_09 Datasheet HTML 7Page - Texas Instruments TNETE2004_09 Datasheet HTML 8Page - Texas Instruments TNETE2004_09 Datasheet HTML 9Page - Texas Instruments TNETE2004_09 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
controller interface
TERMINAL
†
NAME
NO.
I/O†
DESCRIPTION
NAME
120
128
AUTONEG
74
82
I
Auto-negotiation. When high, AUTONEG enables auto-negotiation on all four PHYs.
Auto-negotiation takes place only after a reset or when a link is reestablished. AUTONEG can be
overridden from the MDI.
COL0
COL1
COL2
COL3
117
34
56
93
127
40
62
103
O
Collision sense. When asserted, COL0–COL3 indicates that PHY0–PHY3 sensed a network
collision. The active level is set by the compatibility pins (see Table 2) or by setting the correct bits
in pin-polarity register 0x16 (see Figure 17). Functions are described in Table 13.
CRS0
CRS1
CRS2
CRS3
2
29
61
88
4
35
67
98
O
Carrier sense. When asserted, CRS0–CRS3 indicates that PHY0–PHY3 is receiving a frame
carrier signal. The active level is set by the compatibility pins (see Table 2) or by setting the correct
bits in pin-polarity register 0x16 (see Figure 17). Functions are described in Table 13.
DUPLEX0
DUPLEX1
DUPLEX2
DUPLEX3
5
26
64
85
7
32
70
95
O/D
Duplex mode. When DUPLEX0–DUPLEX3 is high, PHY0–PHY3 operates in full-duplex mode.
When DUPLEX0–DUPLEX3 is low, PHY0–PHY3 operates in the half-duplex mode. There is an
internal weak drive on DUPLEX0–DUPLEX3 that pulls DUPLEX0–DUPLEX3 if auto-negotiation
chooses the full-duplex mode, or if full duplex is chosen by writing to an MDI register. By connecting
DUPLEX0–DUPLEX3 GND or VDD, this weak drive is overridden, and the type of duplex mode is
permanently set, ignoring any auto-negotiation decisions or values written to the appropriate MDI
registers. To set duplex mode, connect the auto-negotiation pin low. (This turns off
auto-negotiation.)
LINK0
LINK1
LINK2
LINK3
4
27
63
86
6
33
69
96
O
Link status. When LINK0–LINK3 is high, it indicates that PHY0–PHY3 has determined that a valid
10BASE-T link has been established. When low, LINK0–LINK3 indicates that the link has not been
established.
LOOPBACK
16
20
I
Loopback. When low, LOOPBACK enables internal loopback in all four PHYs. When asserted, data
is internally wrapped within each PHY and does not appear on the network. While in the
looped-back state, all network lines are placed in a noncontentious state. LOOPBACK can be
overridden by the MDI registers.
RXCLK0
RXCLK1
RXCLK2
RXCLK3
1
31
59
89
3
37
65
99
O
Receive clock. Receive clock source for the receive data output RXD0–RXD3. Data is valid on
RXD0–RXD3 on the edges of RXCLK0–RXCLK3 specified by the currently set compatibility mode
(see Table 2) or by setting the correct bits in pin-polarity register 0x16 (see Figure 17). Functions are
described in Table 13.
RXD0
RXD1
RXD2
RXD3
3
28
62
87
5
34
68
97
O
Receive data. Bit-wise serial-data output from PHY0–PHY3.
SQE
75
83
I
Signal quality error. When high, SQE causes each PHY to simulate a collision condition at the end
of each frame transmission to test functionality of the collision-detect circuitry. SQE is overridden
by SQEEN (see Table 8). SQE must be set high to interface with the TNETX3150.
TXCLK
101
111
O
Transmit clock. TXCLK is shared by all PHYs to clock in transmit data. Data is valid on TXD0-TDX3
on the edges of TXCLK specified by the currently set compatibility mode (see Table 2) or by
setting the correct bits in pin-polarity register 0x16 (see Figure 17). Functions are described in
Table 13.
TXD0
TXD1
TXD2
TXD3
119
32
58
91
1
38
64
101
I
Transmit data. Serial-data input to PHY0–PHY3.
TXEN0
TXEN1
TXEN2
TXEN3
118
33
57
92
128
39
63
102
I
Transmit enable. Assert TXEN0–TXEN3 active to indicate that valid transmit data is on
TXD0–TXD3. The active level is set by the compatibility pins (see Table 2) or by setting the correct
pins in pin-polarity register 0x16 (see Figure 17). Functions are described in Table 13.
† I = input, O = output, O/D = open-drain output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com