Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004 Datasheet(PDF) 13 Page - Texas Instruments

Part # TNETE2004
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TNETE2004_09 Datasheet HTML 9Page - Texas Instruments TNETE2004_09 Datasheet HTML 10Page - Texas Instruments TNETE2004_09 Datasheet HTML 11Page - Texas Instruments TNETE2004_09 Datasheet HTML 12Page - Texas Instruments TNETE2004_09 Datasheet HTML 13Page - Texas Instruments TNETE2004_09 Datasheet HTML 14Page - Texas Instruments TNETE2004_09 Datasheet HTML 15Page - Texas Instruments TNETE2004_09 Datasheet HTML 16Page - Texas Instruments TNETE2004_09 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
link test
When not in auto-negotiation mode, the PHY sends link pulses, separated by an interval of 16 ms, on the
data-out (DO) circuit. The receiver looks for valid link pulses on the input pair. If a link pulse is not received within
a given time interval, the device enters a link-fail state. In this state, link pulses continue to be generated, and
the receiver constantly looks for the link-pulse pattern. The device remains in this state until a valid receive
packet or multiple legal link-test pulses are received.
loopback test mode
By asserting the LOOPBACK pin on the device or by setting the LOOPBACK bit in the PHY generic control
register, the transmit circuit of each PHY is looped to the corresponding receive circuit closest to the twisted-pair
I/O pins. Thereafter, transmit drivers do not forward any further packet data but continue to send link-test pulses.
When accessing loopback test mode from the package pins, since there is only one LOOPBACK pin on the
package, all four PHYs are placed in LOOPBACK mode simultaneously. Individual PHYs can be placed in
LOOPBACK mode by means of the TNETE2004 registers. While in LOOPBACK mode, all receive activities,
other than link-test pulses, are ignored. However, squelch information is still processed, allowing the link status
to be maintained under momentary loopback self-test.
LED status indication
The TNETE2004 has 12 pins that drive LEDs. Each PHY has the following three status LEDs:
Note: The LEDs are all off when reset is active. Once reset is inactive, all the LEDs turn on for 100ms, then turn
off, and then function in the normal way. The following signals are active low.
LEDxLINK –
illuminates when PHYx has established a valid link
LEDxACTIVE – illuminates when PHYx is transmitting or receiving data. This LED illuminates for a minimum
duration of 20 ms for each activity, but if packets are being received or transmitted faster than
20 ms, it stays on continuously.
LEDxDUPCOL – illuminates continuously when PHYx is in full-duplex mode. Illuminates for a minimum
duration of 20 ms when collisions occur in half-duplex mode. Additionally, in half-duplex
mode, LED0DUPCOL–LED3DUPCOL flashes when a jabber condition is detected. This
feature is not available in full-duplex mode.
IEEE Std 1149.1 (JTAG) test port
Compliant with the IEEE Std 1149.1, the test-access port is composed of five pins. These pins interface serially
with the device and the board on which the device is installed for boundary-scan testing. The TNETE2004
implements the following JTAG instructions:
000
EXTEST
External boundary-scan test
001
SAMPLE/PRELOAD
Initialization for boundary-scan test
100
IDCODE
Scans out TNETE2004 identification code
101
HIGHZ
Sets all digital output pins on the TNETE2004 to high impedance
111
BYPASS
Connects 1-bit bypass register between TDI and TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com