Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP11368 Datasheet(PDF) 2 Page - Texas Instruments

Part # TP11368
Description  Octal Adaptive Differential PCM Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP11368 Datasheet(HTML) 2 Page - Texas Instruments

  TP11368 Datasheet HTML 1Page - Texas Instruments TP11368 Datasheet HTML 2Page - Texas Instruments TP11368 Datasheet HTML 3Page - Texas Instruments TP11368 Datasheet HTML 4Page - Texas Instruments TP11368 Datasheet HTML 5Page - Texas Instruments TP11368 Datasheet HTML 6Page - Texas Instruments TP11368 Datasheet HTML 7Page - Texas Instruments TP11368 Datasheet HTML 8Page - Texas Instruments TP11368 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TP11368
Octal Adaptive Differential PCM Processor
General Description
The TP11368 is an octal (8) channel Adaptive Differential
Pulse Code Modulation (ADPCM) transcoder, fully compat-
ible to ITU G.726 recommendation in 40 kbps, 32 kbps,
24 kbps, 16 kbps and ANSI 32 kbps modes. The TP11368
ADPCM processor can operate on up to 16 independent
channels in an 8 kHz frame. Each channel is individually
configured, supporting both full and half duplex operation. All
input/output transfers occur on an interrupt basis using se-
rial, double buffered data registers. Together with National’s
TP3054/57 COMBO® or TP3070/71 COMBO II devices, the
TP11368 forms complete ADPCM channels with Codec/
filtering.
Features
n
CCITT G.726 compatible at 40, 32, 24, 16 kbps
n
ANSI T1.301 compatible at 32 kbps
n
16-channel half-duplex (encode or decode) or 8-channel
full-duplex operation in 8 kHz frame
n
Each channel individually configurable
n
Selectable µ-law or A-law PCM coding
n
Asynchronous 16 MHz master clock operation
n
TTL and CMOS compatible inputs and outputs
n
28-pin PLCC or 24-pin DIP packages
n
Power consumption of typ. 6 mW at +5V per full-duplex
channel
n
On-Chip Power-On-Reset
n
−40˚C to +85˚C operating temperature range
n
Single 5V supply
Block Diagram
TRI-STATE® and COMBO® are registered trademarks of National Semiconductor Corporation.
DS012902-1
FIGURE 1. Block Diagram
March 1997
© 1997 National Semiconductor Corporation
DS012902
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com