Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP11368 Datasheet(PDF) 12 Page - Texas Instruments

Part # TP11368
Description  Octal Adaptive Differential PCM Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP11368 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TP11368 Datasheet HTML 8Page - Texas Instruments TP11368 Datasheet HTML 9Page - Texas Instruments TP11368 Datasheet HTML 10Page - Texas Instruments TP11368 Datasheet HTML 11Page - Texas Instruments TP11368 Datasheet HTML 12Page - Texas Instruments TP11368 Datasheet HTML 13Page - Texas Instruments TP11368 Datasheet HTML 14Page - Texas Instruments TP11368 Datasheet HTML 15Page - Texas Instruments TP11368 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Timing Specifications (Continued)
Unless otherwise noted, limits printed in bold characters are guaranteed for V
CC = 5.0V ± 5%, GND1 = GND2 = 0V, TA =
−40˚C to +85˚C by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by correlation with other
production tests and/or product design and characterization. Typical values are specified at V
CC = +5V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
HDCEL
Hold Time, CE low after
15
ns
PSCK/ASCK High
t
SUCEH
Setup Time, CE High Before
15
ns
PSCK/ASCK Low
t
TRBH
TRB Hold Time
From CE Low
20
ns
t
TRBS
TRB Setup Time
From ASCK Low and PSCK Low
20
ns
t
IS
TSI, RSI Setup Time
From ASCK Low and PSCK Low
20
ns
t
IH
TSI, RSI Hold Time
From ASCK Low and PSCK Low
20
ns
t
PSCK/ASCK
PSCK/ASCK High and
55
ns
Low Times
t
ON
TSO, RSO Turn On Time
From CE High
40
ns
t
OD
TSO, RSO Propagation
From ASCK High or PSCK High
40
ns
Delay Time
t
OFF
TSO, RSO Turn Off Time
From CE Low
20
ns
(Valid Data to TRI-STATE)
t
CS
Setup Time for Control
From CE Low
Signals (INIT, EN,
20
ns
PCM1, QSEL1, QSEL0)
t
CH
Hold Time for Control
From CE Low
Signals (INIT, EN,
20
ns
PCM1, QSEL1, QSEL0)
t
RSTL
RSTB Pulse Width Low
2
CLK
Cycles
t
RSTH
RSTB High to the First
6
CLK
CE High-Low Transition
Cycles
Note 5: Values for 8 full-duplex (decoding and encoding) or 16 half-duplex (decoding or encoding) channels operation in a 125 µs period.
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com