Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP11368 Datasheet(PDF) 9 Page - Texas Instruments

Part # TP11368
Description  Octal Adaptive Differential PCM Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP11368 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TP11368 Datasheet HTML 5Page - Texas Instruments TP11368 Datasheet HTML 6Page - Texas Instruments TP11368 Datasheet HTML 7Page - Texas Instruments TP11368 Datasheet HTML 8Page - Texas Instruments TP11368 Datasheet HTML 9Page - Texas Instruments TP11368 Datasheet HTML 10Page - Texas Instruments TP11368 Datasheet HTML 11Page - Texas Instruments TP11368 Datasheet HTML 12Page - Texas Instruments TP11368 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Functional Description (Continued)
the falling edge of CE are latched in. In
Table 3, the last input
bit prior to to the CE falling edge is the LSB of the ADPCM
data word.
Note that the serial input data is referenced to the falling
edge of CE while the serial output data is referenced to the
rising edge of CE.
Table 4 shows the transfer order of the ADPCM output data.
In the case where there are more ASCK clocks than the AD-
PCM data, the ADPCM output will recirculate.
For example, if the 32 kbps mode is selected, and eight low
pulses of ASCK exist within the CE high pulse, the following
ADPCM encoded data D3-D2-D1-D0-D3-D2-D1-D0 will ap-
pear at the TSO output (
Table 5).
TABLE 3. Transfer Order of ADPCM Input Data (RSI). The Last Bit Prior[to] the Falling Edge of CE is the LSB of the
ADPCM Data
QSEL1
QSEL0
Mode
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
0
0
32 kbps
x
D3
D2
D1
D0
0
1
24 kbps
x
D2
D1
D0
x
1
0
16 kbps
x
D1
D0
x
x
1
1
40 kbps
D4
D3
D2
D1
D0
(MSB)
(LSB)
Note 1: x = Don’t Care state
TABLE 4. Transfer Order of ADPCM Output Data (TSO) with 4 ASCK Rising Edgesile CE is High (the First Bit is the
MSB Data Bit following the Rising Edge of CE)
QSEL1
QSEL0
Mode
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
0
0
32 kbps
D3
D2
D1
D0
D3
0
1
24 kbps
D2
D1
D0
x
D2
1
0
16 kbps
D1
D0
x
x
D1
1
1
40 kbps
D4
D3
D2
D1
D0
(MSB)
(LSB)
Note 2: x = unknown (but defined) state
TABLE 5. Transfer Order of ADPCM Output Data (TSO)th 7 Rising Edges (7 Low Pulses) while CE is High
QSEL1
QSEL0
Mode
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
0
0
32 kbps
D3
D2
D1
D0
D3
D2
D1
D0
0
1
24 kbps
D2
D1
D0
x
D2
D1
D0
x
1
0
16 kbps
D1
D0
x
x
D1
D0
x
x
1
1
40 kbps
D4
D3
D2
D1
D0
D4
D3
D2
Note 3: x = unknown (but defined) state
SINGLE-CHANNEL INITIALIZATION AND
ALL-CHANNEL RESET
The TP11368 ADPCM processor can be initialized on a
per-channel basis via the use of INIT or on an all-channel ba-
sis via the use of RSTB. In both cases, the internal ADPCM
variables are initialized to the default values as suggested by
the ITU G.726 recommendation.
An individual channel can be initialized to the desired con-
figuration by setting the corresponding data variables PCM1,
EN, QSEL(0,1) and by asserting the INIT pin high. The con-
figuration data and INIT signal are strobed at the falling edge
of CE. For an initialization cycle, the period of CE must be 45
master clock (CLK) cycles. The transcoder is then ready to
process the next channel.
The active low RSTB signal is used for a “warm” reset as
well as for facilitating device testing. The initialization of the
internal memory takes 726 CLK cycles after the RSTB goes
inactive (logic “1”). The first transition of CE is allowed six
CLK cycles after RSTB goes inactive. It is recommended
that CE be kept low during the initialization phase.The rec-
ommended values for ASCK and PSCK during initialization
are logic “1”, and that for TSI and RSI logic “0”. Any data (TSI
and RSI) applied during the initialization phase will be lost,
however, they won’t affect the proper initialization process.
The minimum low time of RSTB is 2 CLK cycles.
The chip resumes operation on the first negative edge of CE
after the completion of the initialization.
POWER-ON-RESET
The on-chip Power-On-Reset macro is activated when exter-
nal power is first applied to the device. It has the same func-
tion as the external RSTB pin which initializes all channels to
the default values defined in the ITU Recommendation
G.726. At power up, the outputs TSO and RSO are in
TRI-STATE mode. This “cold” reset process is asynchronous
and takes approximately 2000 CLK cycles for the initializa-
tion.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com