Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2997MR Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2997MR
Description  DDR-II Termination Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2997MR Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2997MR Datasheet HTML 1Page - National Semiconductor (TI) LP2997MR Datasheet HTML 2Page - National Semiconductor (TI) LP2997MR Datasheet HTML 3Page - National Semiconductor (TI) LP2997MR Datasheet HTML 4Page - National Semiconductor (TI) LP2997MR Datasheet HTML 5Page - National Semiconductor (TI) LP2997MR Datasheet HTML 6Page - National Semiconductor (TI) LP2997MR Datasheet HTML 7Page - National Semiconductor (TI) LP2997MR Datasheet HTML 8Page - National Semiconductor (TI) LP2997MR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
PVIN, AVIN, VDDQ to GND
No pin should exceed AVIN
−0.3V to +6V
Storage Temp. Range
−65˚C to +150˚C
Junction Temperature
150˚C
Lead Temperature (Soldering, 10 sec)
260˚C
SO-8 Thermal Resistance (
θ
JA)
151˚C/W
PSOP-8 Thermal Resistance (
θ
JA)
43˚C/W
Minimum ESD Rating (Note 2)
1kV
Operating Range
Junction Temp. Range (Note 3)
0˚C to +125˚C
AVIN to GND
2.2V to 5.5V
Electrical Characteristics Specifications with standard typeface are for T
J = 25˚C and limits in boldface
type apply over the full Operating Temperature Range (T
J = 0˚C to +125˚C) (Note 4). Unless otherwise specified,
AVIN = 2.5V, PVIN = 1.8V, VDDQ = 1.8V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
REF
V
REF Voltage
PVIN = VDDQ = 1.7V
PVIN = VDDQ = 1.8V
PVIN = VDDQ = 1.9V
0.837
0.887
0.936
0.860
0.910
0.959
0.887
0.937
0.986
V
Z
VREF
V
REF Output
Impedance
I
REF = -30 to +30 µA
2.5
k
Ω
V
TT
V
TT Output Voltage
I
OUT =0A
PVIN = VDDQ = 1.7V
PVIN = VDDQ = 1.8V
PVIN = VDDQ = 1.9V
0.822
0.874
0.923
0.856
0.908
0.957
0.887
0.939
0.988
V
I
OUT = ±0.5A (Note 7)
PVIN = VDDQ = 1.7V
PVIN = VDDQ = 1.8V
PVIN = VDDQ = 1.9V
0.828
0.878
0.928
0.856
0.908
0.957
0.890
0.940
0.990
Vos
TT/VTT
V
TT Output Voltage
Offset (V
REF-VTT)
I
OUT =0A
I
OUT = -0.5A
I
OUT = +0.5A
-25
-25
-25
0
0
0
25
25
25
mV
I
Q
Quiescent Current
(Note 5)
I
OUT = 0A (Note 5)
320
500
µA
Z
VDDQ
VDDQ Input Impedance
100
k
Ω
I
SD
Quiescent Current in
Shutdown (Note 5)
SD = 0V
115
150
µA
I
Q_SD
Shutdown Leakage
Current
SD=0V
2
5
µA
V
IH
Minimum Shutdown
High Level
1.9
V
V
IL
Minimum Shutdown
Low Level
0.8
V
I
SENSE
V
SENSE Input Current
13
nA
T
SD
Thermal Shutdown
(Note 6)
165
Celsius
T
SD_HYS
Thermal Shutdown
Hysteresis
10
Celsius
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com