Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2997MR Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2997MR
Description  DDR-II Termination Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2997MR Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP2997MR Datasheet HTML 4Page - National Semiconductor (TI) LP2997MR Datasheet HTML 5Page - National Semiconductor (TI) LP2997MR Datasheet HTML 6Page - National Semiconductor (TI) LP2997MR Datasheet HTML 7Page - National Semiconductor (TI) LP2997MR Datasheet HTML 8Page - National Semiconductor (TI) LP2997MR Datasheet HTML 9Page - National Semiconductor (TI) LP2997MR Datasheet HTML 10Page - National Semiconductor (TI) LP2997MR Datasheet HTML 11Page - National Semiconductor (TI) LP2997MR Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Typical Application Circuits
Several different application circuits have been shown to
illustrate some of the options that are possible in configuring
the LP2997. Graphs of the individual circuit performance can
be found in the Typical Performance Characteristics section
in the beginning of the datasheet. These curves illustrate
how the maximum output current is affected by changes in
AVIN and PVIN.
Figure 2 shows the recommended circuit configuration for
DDR-II applications. The output stage is connected to the
1.8V rail and the AVIN pin can be connected to either a 2.5V,
3.3V or 5V rail.
This circuit permits termination in a minimum amount of
board space and component count. Capacitor selection can
be varied depending on the number of lines terminated and
the maximum load transient. However, with motherboards
and other applications where V
TT is distributed across a long
plane it is advisable to use multiple bulk capacitors and
addition to high frequency decoupling. The bulk output ca-
pacitors should be situated at both ends of the V
TT plane for
optimal placement. Large aluminum electrolytic capacitors
are used for their low ESR and low cost.
PCB Layout Considerations
1.
The input capacitor for the power rail should be placed
as close as possible to the PVIN pin.
2.
V
SENSE should be connected to the VTT termination bus
at the point where regulation is required. For mother-
board applications an ideal location would be at the
center of the termination bus.
3.
V
DDQ can be connected remotely to the VDDQ rail input
at either the DIMM or the Chipset. This provides the
most accurate point for creating the reference voltage.
4.
For improved thermal performance excessive top side
copper should be used to dissipate heat from the pack-
age. Numerous vias from the ground connection to the
internal ground plane will help. Additionally these can be
located underneath the package if manufacturing stan-
dards permit.
5.
Care should be taken when routing the V
SENSE trace to
avoid noise pickup from switching I/O signals. A 0.1uF
ceramic capacitor located close to the
SENSE can also be
used to filter any unwanted high frequency signal. This
can be an issue especially if long
SENSE traces are used.
6.
V
REF should be bypassed with a 0.01 µF or 0.1 µF
ceramic capacitor for improved performance. This ca-
pacitor should be located as close as possible to the
V
REF pin.
20109413
FIGURE 2. Recommended DDR-II Termination
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com