Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2997MR Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2997MR
Description  DDR-II Termination Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2997MR Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2997MR Datasheet HTML 1Page - National Semiconductor (TI) LP2997MR Datasheet HTML 2Page - National Semiconductor (TI) LP2997MR Datasheet HTML 3Page - National Semiconductor (TI) LP2997MR Datasheet HTML 4Page - National Semiconductor (TI) LP2997MR Datasheet HTML 5Page - National Semiconductor (TI) LP2997MR Datasheet HTML 6Page - National Semiconductor (TI) LP2997MR Datasheet HTML 7Page - National Semiconductor (TI) LP2997MR Datasheet HTML 8Page - National Semiconductor (TI) LP2997MR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LP2997
DDR-II Termination Regulator
General Description
The LP2997 linear regulator is designed to meet the JEDEC
SSTL-18 specifications for termination of DDR-II memory.
The device contains a high-speed operational amplifier to
provide excellent response to load transients. The output
stage prevents shoot through while delivering 500mA con-
tinuous current and transient peaks up to 900mA in the
application as required for DDR-II SDRAM termination. The
LP2997 also incorporates a V
SENSE pin to provide superior
load regulation and a V
REF output as a reference for the
chipset and DIMMs.
An additional feature found on the LP2997 is an active low
shutdown (SD) pin that provides Suspend To RAM (STR)
functionality. When SD is pulled low the V
TT output will
tri-state providing a high impedance output, but, V
REF will
remain active. A power savings advantage can be obtained
in this mode through lower quiescent current.
Features
n
Source and sink current
n
Low output voltage offset
n
No external resistors required
n
Linear topology
n
Suspend to Ram (STR) functionality
n
Low external component count
n
Thermal Shutdown
n
Available in SO-8, PSOP-8 packages
Applications
n
DDR-II Termination Voltage
n
SSTL-18 Termination
Typical Application Circuit
20109418
June 2004
© 2004 National Semiconductor Corporation
DS201094
www.national.com


Similar Part No. - LP2997MR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2997MR TI1-LP2997MR Datasheet
1Mb / 21P
DDR-II Termination Regulator
LP2997MR/NOPB TI1-LP2997MR/NOPB Datasheet
1Mb / 21P
DDR-II Termination Regulator
LP2997MR/NOPB TI2-LP2997MR/NOPB Datasheet
1Mb / 28P
LP2997 DDR-II Termination Regulator
REVISED APRIL 2013
LP2997MR/NOPB.A TI2-LP2997MR/NOPB.A Datasheet
1Mb / 28P
LP2997 DDR-II Termination Regulator
REVISED APRIL 2013
LP2997MRX TI1-LP2997MRX Datasheet
1Mb / 21P
DDR-II Termination Regulator
More results

Similar Description - LP2997MR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
DDR I/II Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208_06 Datasheet
96Kb / 9P
DDR?묲/II Termination Regulator
May, 2006 ??Rev. 5
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
DDR-II and DDR-I Termination Regulator
December 12, 2007
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
LP2998 DDR-I and DDR-II Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2997 TI1-LP2997 Datasheet
1Mb / 21P
DDR-II Termination Regulator
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com