Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4682BM Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC4682BM
Description  PRECISION CURRENT LIMIT SO-8 SUPERSWITCHER BUCK REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4682BM Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC4682BM Datasheet HTML 7Page - Micrel Semiconductor MIC4682BM Datasheet HTML 8Page - Micrel Semiconductor MIC4682BM Datasheet HTML 9Page - Micrel Semiconductor MIC4682BM Datasheet HTML 10Page - Micrel Semiconductor MIC4682BM Datasheet HTML 11Page - Micrel Semiconductor MIC4682BM Datasheet HTML 12Page - Micrel Semiconductor MIC4682BM Datasheet HTML 13Page - Micrel Semiconductor MIC4682BM Datasheet HTML 14Page - Micrel Semiconductor MIC4682BM Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
October 2003
13
M0334-102203
MIC4682
Micrel
Abbreviated Bill of Materials (Critical Components)
Reference
Part Number
Manufacturer
Description
Qty
C1, C2
593D106X005D2T
Vishay Sprague1
10
µF/50V
2
C3, C7
VJ0805Y104KXAMT
Vishay Vitramon2
0.1
µF/50V
2
C5
593D227X0010D2T
Vishay Sprague1
220
µF/10V
1
D1
B340A
Diodes, Inc3
Schottky 3A/40V
1
L1
CDRH127-680MC
Sumida4
68
µH, 2.1A I
SAT
1
U1
MIC4682BM
Micrel Semiconductor5
Precision Circuit Limit Buck Regulator
1
Note 1. Vishay Sprague, Inc., www.vishay.com
Note 2. Vishay Vitramon, Inc., www.vishay.com
Note 3. Diodes, Inc., www.diodes.com
Note 4. Sumida, www.sumida.com
Note 5. Micrel Semiconductor, www.micrel.com
Layout Example
Figure 5b. Top Silkscreen
Figure 5c. Top Layer
Figure 5d. Bottom Silkscreen
Figure 5e. Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com