Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4682BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4682BM
Description  PRECISION CURRENT LIMIT SO-8 SUPERSWITCHER BUCK REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4682BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4682BM Datasheet HTML 1Page - Micrel Semiconductor MIC4682BM Datasheet HTML 2Page - Micrel Semiconductor MIC4682BM Datasheet HTML 3Page - Micrel Semiconductor MIC4682BM Datasheet HTML 4Page - Micrel Semiconductor MIC4682BM Datasheet HTML 5Page - Micrel Semiconductor MIC4682BM Datasheet HTML 6Page - Micrel Semiconductor MIC4682BM Datasheet HTML 7Page - Micrel Semiconductor MIC4682BM Datasheet HTML 8Page - Micrel Semiconductor MIC4682BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MIC4682
Micrel
October 2003
4
M0334-102203
Test Circuit
SW
L1
68
µH
IN
FB
ISET
SHDN
C2
220
µF
10V
R1
3.01k
R3
10M
R2
976
Ω
MIC4682
C1 (x2)
10
µF
50V
VIN
RISET
VOUT
2, 6, 7
1
8
5
4
D1
B240A
GND
3
Current Limit Test Circuit
OUTPUT CURRENT (A)
0
5.0
3.6
10%
1.10
0.90
Constant-Current Constant-Voltage Accuracy
Shutdown Input Behavior
OFF
ON
GUARANTEED
OFF
TYPICAL
OFF
GUARANTEED
ON
TYPICAL
ON
0.8V
1.25V
0V
1.4V
VIN(max)
2V
Shutdown Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com