Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4682BM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4682BM
Description  PRECISION CURRENT LIMIT SO-8 SUPERSWITCHER BUCK REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4682BM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4682BM Datasheet HTML 1Page - Micrel Semiconductor MIC4682BM Datasheet HTML 2Page - Micrel Semiconductor MIC4682BM Datasheet HTML 3Page - Micrel Semiconductor MIC4682BM Datasheet HTML 4Page - Micrel Semiconductor MIC4682BM Datasheet HTML 5Page - Micrel Semiconductor MIC4682BM Datasheet HTML 6Page - Micrel Semiconductor MIC4682BM Datasheet HTML 7Page - Micrel Semiconductor MIC4682BM Datasheet HTML 8Page - Micrel Semiconductor MIC4682BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
October 2003
3
M0334-102203
MIC4682
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN), Note 3 ........................................ 38V
Shutdown Voltage (V
SHDN) .......................... –0.3V to +38V
Steady-State Output Switch Voltage (V
SW) .................. –1V
Feedback Voltage (V
FB) ................................................ 12V
Current Limit Set Voltage (V
ISET) ..................... 1.23V to 7V
Ambient Storage Temperature (T
S) ......... –65°C to +150°C
ESD Rating, Note 5 ...................................................... 2kV
Electrical Characteristics
V
IN = 12V; IOUT=500mA; RISET = 16.2k (1A current limit); TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IN
Supply Voltage Range
Note 4
434
V
I
IN
Quiescent Current
V
FB = 1.5V
7
12
mA
I
IN
Standby Quiescent Current
V
SHDN = 5V (Regulator off)
35
100
µA
V
SHDN = VIN
1
µA
V
FB
Feedback Voltage
(
±1%)
1.217
1.230
1.243
V
(
±2%)
1.205
1.255
V
8V
≤ V
IN ≤ 34V, 0.1A ≤ ILOAD ≤ 0.8A
1.193
1.230
1.267
V
1.180
1.280
V
I
LIM
Current Limit Accuracy, Note 7
See Test Circuit, V
OUT = 3.6V
0.90
1
1.10
A
f
SW
Oscillator Frequency
180
200
220
kHz
D
MAX
Maximum Duty Cycle
V
FB = 1.0V
93
95
%
V
SW
Switch Saturation Voltage
I
OUT = 1A
1.4
1.8
V
I
SW
Switch Leakage Current
V
IN = 34V, VSHDN = 5V, VSW = 0V
2
100
µA
V
IN = 34V, VSHDN = 5V, VSW = –1V
2
10
mA
V
SHDN
Shutdown Input Logic Level
Regulator Off
2
1.4
V
Regulator On
1.25
0.8
V
I
SHDN
Shutdown Input Current
V
SHDN = 5V (Regulator Off)
–10
–0.5
1
µA
V
SHDN = 0V (Regulator On)
–10
–1.5
1
µA
T
J
Thermal Shutdown
160
°C
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. This device is not guaranteed to operate beyond its specified operating rating.
Note 3. Absolute maximum rating is intended for voltage transients only; prolonged DC operation is not recommended.
Note 4. V
IN(MIN) = VOUT + 2.5V or 4V whichever is greater.
Note 5. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.
Note 6. Measured on 1.5” square of 1oz. copper FR4 printed circuit board connected to the device ground leads.
Note 7. Short circuit protection is guaranteed to V
IN = 30V max.
Operating Ratings (Note 2)
Supply Voltage (V
IN) Note 4 and 7 ..................... 4V to 34V
Junction Temperature Range (T
J) ........... –40°C to +125°C
Package Thermal Impedance
θ
JA SOP-8, Note 6 .............................................. 63°C/W
θ
JC SOP-8, Note 6 .............................................. 20°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com